Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6983I Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6983I
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983I Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6983I Datasheet HTML 21Page - STMicroelectronics L6983I Datasheet HTML 22Page - STMicroelectronics L6983I Datasheet HTML 23Page - STMicroelectronics L6983I Datasheet HTML 24Page - STMicroelectronics L6983I Datasheet HTML 25Page - STMicroelectronics L6983I Datasheet HTML 26Page - STMicroelectronics L6983I Datasheet HTML 27Page - STMicroelectronics L6983I Datasheet HTML 28Page - STMicroelectronics L6983I Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
where IOUT_pri and IOUT_sec are respectively the primary and secondary output currents, N is the transformer turn
ratio, D the duty cycle and ΔIL the current ripple in the primary winding.
Figure 31 depicts how these peak currents vary depending on the secondary output current, under the specified
conditions.
Figure 31. Peak currents in LS and HS MOSFET depending on the isolated output current (VIN = 12 V,
VOUT_prim = 5 V, N = 6)
Depending on the application conditions (for example, duty cycle and therefore the input voltage), the peak or the
reverse current limit can be first exceeded and hence represents the limitation of the secondary isolated output
current (see Figure 32).
Figure 32. Left: VIN = 12 V, IPRIM exceeds IVY_SINK. Right: VIN = 18 V, IPRIM exceeds IPK.
Once the reverse current limit is crossed, the device turns the LS MOSFET off and the current flows in the body
diode of the HS MOSFET until it reaches zero. Both HS and LS MOSFET remain off until the next clock cycle.
7.3
Thermal shutdown
The shutdown block disables the switching activity if the junction temperature is higher than a fixed internal
threshold (TSHDWN refer to Table 6. Electrical characteristics). The thermal sensing element is close to the power
elements, ensuring fast and accurate temperature detection. A hysteresis of approximately 30 °C prevents the
device from turning ON and OFF too fast. After a thermal protection event has expired, the L6983I restarts with a
new soft-start.
7.4
Power good
The PGOOD pin indicates whether the output voltage is within its regulation level. The pin output is an open drain
MOSFET. The PG is pulled low:
1.
When the FB pin voltage is lower than 90 % (typ.) of the nominal internal reference for more than 10 µs.
2.
When the FB pin voltage is higher than 120% (typ.) of the nominal internal reference for more than 10 µs.
3.
During the soft-start procedure also with pre-charged VOUT.
4.
If a thermal shutdown event occurs.
5.
If a UVLO event occurs.
L6983I
Thermal shutdown
DS14040 - Rev 1
page 25/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com