Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6983I Datasheet(PDF) 52 Page - STMicroelectronics

Part # L6983I
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983I Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L6983I Datasheet HTML 48Page - STMicroelectronics L6983I Datasheet HTML 49Page - STMicroelectronics L6983I Datasheet HTML 50Page - STMicroelectronics L6983I Datasheet HTML 51Page - STMicroelectronics L6983I Datasheet HTML 52Page - STMicroelectronics L6983I Datasheet HTML 53Page - STMicroelectronics L6983I Datasheet HTML 54Page - STMicroelectronics L6983I Datasheet HTML 55Page - STMicroelectronics L6983I Datasheet HTML 56Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
9.2
Switching frequency ........................................................... 33
9.3
Programmable power-up threshold............................................... 33
9.4
Output External synchronization ................................................. 34
10
Design of the external components ...............................................36
10.1
Input capacitor selection........................................................ 36
10.2
Transformer selection .......................................................... 38
10.3
Schottky diode ................................................................ 42
10.4
Output capacitors selection ..................................................... 43
11
Application board.................................................................44
12
Package information..............................................................47
12.1
QFN16 (3x3 mm) package information............................................ 47
13
Ordering information .............................................................49
Revision history .......................................................................50
L6983I
Contents
DS14040 - Rev 1
page 52/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com