Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6983I Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6983I
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983I Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6983I Datasheet HTML 6Page - STMicroelectronics L6983I Datasheet HTML 7Page - STMicroelectronics L6983I Datasheet HTML 8Page - STMicroelectronics L6983I Datasheet HTML 9Page - STMicroelectronics L6983I Datasheet HTML 10Page - STMicroelectronics L6983I Datasheet HTML 11Page - STMicroelectronics L6983I Datasheet HTML 12Page - STMicroelectronics L6983I Datasheet HTML 13Page - STMicroelectronics L6983I Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
Figure 5. Block diagram
VIN
SW
FB
PGND
Power HS
NMOS
Power LS
NMOS
Sense HS
NMOS
High side driver
Error Amplifier
O.V.P. COMP
E.A. ref
FB
O.V.P. Threshold
Sense LS
NMOS
Low side driver
Valley O.C.P. COMP
Zero cross COMP
Current sensing
Current sensing
Z.C. Threshold
O.C.P. Valley threshold
+
Slope compensation
PWM COMP
PWM management
FSW
reading circuit
Internal
Oscillator
FSW
PGOOD
PGOOD COMP
PGOOD Th
FB
EN/CLKIN(*)
External
synchronization
Wake UP Threshold
Wake UP COMP
BOOT
LDOs
VINLDO
VCC
Soft start
VBIAS
Boot driver
Compensation
network
E.P.,
AGND
Skip COMP
Skip. Threshold
Ineg. Threshol.d
Negative curr. COMP
Thermal
protection
EN Threshold
EN COMP
5.1.1
Enable
The EN pin is a digital input that turns the device on or off.
In order to maximize both the EN threshold accuracy and the current consumption, the device implements two
different thresholds:
1.
The Wake-up threshold, VWAKE_UP = 0.5 V (see Section 4 Electrical characteristics).
2.
The Start-up threshold, VEN = 1.2 V (see Section 4 Electrical characteristics.) The following image shows
the device behavior.
L6983I
Primary side
DS14040 - Rev 1
page 10/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com