Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6983I Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6983I
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983I Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6983I Datasheet HTML 5Page - STMicroelectronics L6983I Datasheet HTML 6Page - STMicroelectronics L6983I Datasheet HTML 7Page - STMicroelectronics L6983I Datasheet HTML 8Page - STMicroelectronics L6983I Datasheet HTML 9Page - STMicroelectronics L6983I Datasheet HTML 10Page - STMicroelectronics L6983I Datasheet HTML 11Page - STMicroelectronics L6983I Datasheet HTML 12Page - STMicroelectronics L6983I Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
5
Functional description
The iso-buck topology based on the L6983I consists of:
•
Primary side, the regulation loop of the peak current mode architecture regulates the primary voltage (blue
area in the image below)
•
A two-windings transformer (in gray)
•
The secondary side, which generates the isolated output voltage (in green) given the selected transformer
ratio.
Figure 4. Iso-buck general schematic
VIN
VIN
VINLDO
EN/CLKIN
FSW
VCC
AGND
AGND
PGOOD
BOOT
SW
SW
VBIAS
FB
PGND
PGND
EP
VIN
GND
GND
VOUT_prim
VOUT_iso
GND_iso
L6983I
CIN
CLDO
RLDO
RFSW1
CVCC
CB
RFB1
RFB2
D
CSEC
COUT
5.1
Primary side
The L6983I device is based on a “peak current mode” architecture with constant frequency control. Therefore, the
intersection between the error amplifier output and the sensed inductor current generates the PWM control signal
to drive the power switch.
The device operates in forced PWM control, allowing negative currents to flow in the synchronous MOSFET,
hence transferring energy to the secondary coil during the off-time.
The main internal blocks shown in Figure 5 :
•
Embedded power elements
•
A fully integrated adjustable oscillator, which is able to set five different switching frequencies from 200 kHz
to 1 MHz
•
The ramp for the slope compensation avoiding subharmonic instability
•
A transconductance error amplifier with integrated compensation network
•
The high-side current sense amplifier to sense the inductor current
•
A “Pulse Width Modulator” (PWM) comparator and the driving circuitry of the embedded power elements
•
The soft-start block ramps up the reference voltage on error amplifier thus decreasing the inrush current at
power-up. The EN pin inhibits the device when driven low
•
The EN/CLK pin section, which allows synchronizing the device to an external clock generator
•
The pulse-by-pulse high-side / low-side switch current sensing to implement the constant current protection
•
A circuit to implement the thermal protection function
•
The OVP circuitry to discharge the output capacitor in case of overvoltage event
•
The switchover capability of the internal regulator to supply a portion of the quiescent current when the
VBIAS pin is connected to an external output voltage
•
Enable / disable dithering operation.
L6983I
Functional description
DS14040 - Rev 1
page 9/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com