Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STUW81300 Datasheet(PDF) 60 Page - STMicroelectronics

Part # STUW81300
Description  Wideband RF/microwave PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUW81300 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STUW81300 Datasheet HTML 55Page - STMicroelectronics STUW81300 Datasheet HTML 56Page - STMicroelectronics STUW81300 Datasheet HTML 57Page - STMicroelectronics STUW81300 Datasheet HTML 58Page - STMicroelectronics STUW81300 Datasheet HTML 59Page - STMicroelectronics STUW81300 Datasheet HTML 60Page - STMicroelectronics STUW81300 Datasheet HTML 61Page - STMicroelectronics STUW81300 Datasheet HTML 62Page - STMicroelectronics STUW81300 Datasheet HTML 63Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 60 / 63 page
background image
Revision history
STuW81300
60/63
DS11314 Rev 7
11
Revision history
Table 14. Document revision history
Date
Revision
Changes
14-Oct-2015
1
Initial release.
16-Oct-2015
2
Corrected KVCO figures in Table 6: Electrical specifications
Corrected entries in Table 7: Phase noise specifications for:
– VCO direct - Open Loop @ 8000 MHz (figures only)
– VCO and frequency doubler- Open Loop @ 7700 MHz (title and figures)
– VCO and frequency doubler- Open Loop @ 12 GHz (title and figures)
– VCO and frequency doubler- Open Loop @ 16 GHz (title and figures)
Corrected VCO_SEL bitfield descriptions settings in ST6 Register and ST10
Register.
12-Jan-2016
3
Cover page:
– changed cover page title (added ‘microwave’)
– updated Table 1: Device summary.
Updated:
–KVCO figures in Table 6: Electrical specifications
– Table 7.7: Charge pump
– Table 7.17: Power-on sequence.
In ST6 Register description, following fields marked ‘for test purposes only’:
– VCO_SEL
–VCO_WORD
Added Section 10: Evaluation kit.
In Table 13: VFQFPN36 package mechanical data updated dimensions D2
and E2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com