Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STUW81300 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STUW81300
Description  Wideband RF/microwave PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUW81300 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STUW81300 Datasheet HTML 13Page - STMicroelectronics STUW81300 Datasheet HTML 14Page - STMicroelectronics STUW81300 Datasheet HTML 15Page - STMicroelectronics STUW81300 Datasheet HTML 16Page - STMicroelectronics STUW81300 Datasheet HTML 17Page - STMicroelectronics STUW81300 Datasheet HTML 18Page - STMicroelectronics STUW81300 Datasheet HTML 19Page - STMicroelectronics STUW81300 Datasheet HTML 20Page - STMicroelectronics STUW81300 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 63 page
background image
DS11314 Rev 7
17/63
STuW81300
Electrical specifications
58
Table 7. Phase noise specifications
Parameter(1)
Condition
Min
Typ
Max
Units
In-band phase noise floor
Normalized in-band phase noise floor(2)
ICP=5 mA, PLL
BW=150 kHz;
including reference divider
contribution
-
-227
-
dBc/Hz
VCO direct - Open Loop @ 3850 MHz
Phase Noise @ 1 kHz
VCC_VCO_Core = 4.5 V
--62
-
dBc/Hz
Phase Noise @ 10 kHz
-
-92
-
dBc/Hz
Phase Noise @ 100 kHz
-
-114
-
dBc/Hz
Phase Noise @ 1 MHz
-
-135
-
dBc/Hz
Phase Noise @ 10 MHz
-
-153
-
dBc/Hz
Phase Noise @ 90 MHz
-
-160
-
dBc/Hz
VCO direct - Open Loop @ 6000 MHz
Phase Noise @ 1 kHz
VCC_VCO_Core = 4.5 V
--57
-
dBc/Hz
Phase Noise @ 10 kHz
-
-87
-
dBc/Hz
Phase Noise @ 100 kHz
-
-110
-
dBc/Hz
Phase Noise @ 1 MHz
-
-131
-
dBc/Hz
Phase Noise @ 10 MHz
-
-150
-
dBc/Hz
Phase Noise @ 90 MHz
-
-158
-
dBc/Hz
VCO direct - Open Loop @ 8000 MHz
Phase Noise @ 1 kHz
VCC_VCO_Core = 4.5 V
--56
-
dBc/Hz
Phase Noise @ 10 kHz
-
-84
-
dBc/Hz
Phase Noise @ 100 kHz
-
-107
-
dBc/Hz
Phase Noise @ 1 MHz
-
-128
-
dBc/Hz
Phase Noise @ 10 MHz
-
-147
-
dBc/Hz
Phase Noise @ 90 MHz
-
-157
-
dBc/Hz
VCO and frequency doubler- Open Loop @ 7700 MHz
Phase Noise @ 1 kHz
VCC_VCO_Core = 4.5 V
--56
-
dBc/Hz
Phase Noise @ 10 kHz
-
-86
-
dBc/Hz
Phase Noise @ 100 kHz
-
-108
-
dBc/Hz
Phase Noise @ 1 MHz
-
-129
-
dBc/Hz
Phase Noise @ 10 MHz
-
-147
-
dBc/Hz
Phase Noise @ 90 MHz
-
-154
-
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com