Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STUW81300 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STUW81300
Description  Wideband RF/microwave PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUW81300 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STUW81300 Datasheet HTML 28Page - STMicroelectronics STUW81300 Datasheet HTML 29Page - STMicroelectronics STUW81300 Datasheet HTML 30Page - STMicroelectronics STUW81300 Datasheet HTML 31Page - STMicroelectronics STUW81300 Datasheet HTML 32Page - STMicroelectronics STUW81300 Datasheet HTML 33Page - STMicroelectronics STUW81300 Datasheet HTML 34Page - STMicroelectronics STUW81300 Datasheet HTML 35Page - STMicroelectronics STUW81300 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
Circuit description
STuW81300
32/63
DS11314 Rev 7
7.12
Low-power functional modes
All the performance characteristics defined in the electrical specifications are achieved in full
current mode. The STuW81300 provides a set of low power functional modes to allow
control of the current consumption of the different blocks.
This feature combined with the use of a 3.3 V regulated voltage for pins #3, 16, 32, can be
helpful for applications requiring low power consumption. The power saving modes trade
the current consumption with the phase-noise performance and/or output level.
7.13
LDO voltage regulators
Low drop-out (LDO) voltage regulators are integrated to provide the synthesizer with stable
supply voltages against input voltage (VIN), load and temperature variations. Five regulators
are included to ensure proper isolation among circuit blocks. These regulators are listed
below along with the target specifications for the regulated output voltage (Vreg) and current
capability:
•
LDO_DIG (to supply the digital circuitry),
Vreg = 2.6 V, Imax = 50 mA, VIN range: 3.0 to 5.4 V
•
LDO_PLL (to supply the PLL),
Vreg = 2.6 V, Imax = 50 mA, VIN range: 3.0 to 5.4 V
•
LDO_RF (to supply the RF blocks),
Vreg = 2.6 V, Imax = 100 mA, VIN range: 3.0 to 5.4 V
•
LDO_VCO (to supply the low-voltage VCO sub-blocks):
Vreg = 2.6 V, Imax = 100 mA, VIN range: 3.0 to 5.4 V
•
LDO_4V5 (to supply high-voltage sub-blocks):
Vreg = 4.5 V and 3.3 V programmable, Imax = 150 mA
VIN range: 3.6 to 5.4 V (when Vreg = 3.3 V)
VIN range: 5.0 to 5.4 V (when Vreg=4.5 V)
Proper stability and frequency response are achieved by connecting 10 µF load capacitors
at the regulated output pins. The optimal configuration is achieved by connecting a small
resistor in series with the capacitor in order to guarantee the controlled ESR required to
ensure the proper phase margin, together with the best performance in terms of noise and
PSRR. For a complete view of required connections and component values associated with
the LDO output pins, see the related PCB schematics section available from the
STuW81300 product page on the ST website.
Very-low noise requirements have been assumed for the design of the VCO-related
regulators (LDO_VCO and LDO_4V5). To comply with the noise specifications, these LDOs
exploit an additional external bypass (feed forward) capacitor of 100 nF.
All LDOs include over-current protection to avoid short-circuit failures, as well as internal
power ramping to minimize startup current peaks.
All LDOs operate from a reference voltage of 1.35 V, which is internally generated by an
integrated band-gap circuit and noise-filtered through an external 10 µF capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com