Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STUW81300 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STUW81300
Description  Wideband RF/microwave PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUW81300 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STUW81300 Datasheet HTML 21Page - STMicroelectronics STUW81300 Datasheet HTML 22Page - STMicroelectronics STUW81300 Datasheet HTML 23Page - STMicroelectronics STUW81300 Datasheet HTML 24Page - STMicroelectronics STUW81300 Datasheet HTML 25Page - STMicroelectronics STUW81300 Datasheet HTML 26Page - STMicroelectronics STUW81300 Datasheet HTML 27Page - STMicroelectronics STUW81300 Datasheet HTML 28Page - STMicroelectronics STUW81300 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 63 page
background image
DS11314 Rev 7
25/63
STuW81300
Circuit description
58
The resulting VCO frequency is:
where:
FVCO is the output frequency of VCO
Fref is the input reference frequency
R is the division ratio of reference chain
N is the overall division ratio of the PLL
The N divider accepts input signal frequencies up to a maximum of 6 GHz. When the setup
requires a VCO frequency greater than 6 GHz, the VCO signal provided to the N divider
must be divided by 2 by setting PLL_SEL=’1’ in the ST1 Register . In this case the VCO
frequency is fixed by:
The implementation with programmable modulus allows the user to easily select the desired
fraction and the exact synthesized frequency with no approximation.
The MOD value can be set to very high values, thus the frequency resolution of the
synthesizer can reach very fine steps (down to a few hertz).
A ‘low spur mode’ could be configured by maximizing both FRAC and MOD values, keeping
the same desired FRAC/MOD ratio, and setting the DITHERING bit to ‘1’. The drawback is a
small frequency error, equal to FPFD/(2*MOD) on the synthesized frequency. This error is in
the range of a few hertz (usually tolerated by most applications).
7.4
Fractional spurs and compensation mechanism
The fractional PLL operation generates unwanted fractional spurs around the synthesized
frequency.
The integer boundary spurs occur when the carrier frequency is close to an integer multiple
of the PFD frequency. If the frequency difference between the carrier and the N*FPFD falls
within the PLL loop bandwidth, the integer boundary spur is unfiltered and represents the
worst-case situation giving the highest spur level.
The channel spurs are generated by the delta-sigma modulator operations and depend on
its settings (they are mainly related to the MOD value). The channel spurs appear at a
frequency offset from the carrier, equal to FPFD/MOD and its harmonics, and they are not
integer boundary. If the MOD value is extremely high (close to the maximum value of 221-1)
the channel spur offset is of the order of a tenth of a hertz and it appears as ‘granular noise’
shaped by the PLL around the carrier.
FVCO
Fref
R
---------- N
⋅
Fref
R
----------
NINT
FRAC
MOD
----------------- DITHERING
2MOD
⋅
-----------------------------------
++
⎝⎠
⎛⎞
⋅
==
FVCO
Fref
R
---------- 2NINT
FRAC
MOD
----------------- DITHERING
2MOD
⋅
-----------------------------------
++
⎝⎠
⎛⎞
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com