Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STUW81300 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STUW81300
Description  Wideband RF/microwave PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUW81300 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STUW81300 Datasheet HTML 5Page - STMicroelectronics STUW81300 Datasheet HTML 6Page - STMicroelectronics STUW81300 Datasheet HTML 7Page - STMicroelectronics STUW81300 Datasheet HTML 8Page - STMicroelectronics STUW81300 Datasheet HTML 9Page - STMicroelectronics STUW81300 Datasheet HTML 10Page - STMicroelectronics STUW81300 Datasheet HTML 11Page - STMicroelectronics STUW81300 Datasheet HTML 12Page - STMicroelectronics STUW81300 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
DS11314 Rev 7
9/63
STuW81300
Pin definitions
58
25
LE
SPI load enable
CMOS Schmitt triggered Input,
1.8 V compatible, 3.3 V tolerant
26
VDD_DSM_NDIV
Supply voltage of Delta-Sigma modulator and
loop divider
Must be connected to
VREG_DIG
27
VREG_DIG
Regulated supply voltage of digital circuitry
-
28
VIN_LDO_RF_DIG
Supply voltage of RF and digital circuitry
regulators
-
29
VREG_RF
Regulated supply voltage of RF blocks
-
30
RF1_OUTN
Direct and divided by 2 negative output
Internally matched to 50 ohm
31
RF1_OUTP
Direct and divided by 2 positive output
Internally matched to 50 ohm
32
VCC_RFOUT
Supply voltage for RF output stages
Must be connected to
VREG_4V5
33
RF2_OUTN
Doubler negative output
Internally matched to 50 ohm
34
RF2_OUTP
Doubler positive output
Internally matched to 50 ohm
35
TEST_SE
Test pin
Must be connected to GND
36
VIN_LDO_4V5
Supply voltage of 4.5 V regulator
-
Table 2. Pin descriptions (continued)
Pin No
Name
Description
Observation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com