Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STUW81300 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STUW81300
Description  Wideband RF/microwave PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUW81300 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STUW81300 Datasheet HTML 19Page - STMicroelectronics STUW81300 Datasheet HTML 20Page - STMicroelectronics STUW81300 Datasheet HTML 21Page - STMicroelectronics STUW81300 Datasheet HTML 22Page - STMicroelectronics STUW81300 Datasheet HTML 23Page - STMicroelectronics STUW81300 Datasheet HTML 24Page - STMicroelectronics STUW81300 Datasheet HTML 25Page - STMicroelectronics STUW81300 Datasheet HTML 26Page - STMicroelectronics STUW81300 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 63 page
background image
DS11314 Rev 7
23/63
STuW81300
Circuit description
58
7
Circuit description
7.1
Reference input stage
The reference input stage supports the use of different modes for the reference clock signal.
Both single-ended and differential modes (LVDS, LVECPL) are supported; a crystal mode is
also provided in order to build a Pierce type crystal oscillator. Figure 22 shows the
connections required for the supported configurations.
In single-ended and differential modes, the inputs must be AC coupled as the REF_CLKP
and REF_CLKN pins are internally biased to an optimal DC operating point. The best
phase-noise performance is obtained for signals with a high slew rate, such as a square
wave.
Figure 22. Reference clock buffer configurations: single-ended (A),
differential (B), crystal mode (C)
7.2
Reference divider
The 13-bit programmable reference counter divides the input reference frequency to the
desired PFD frequency. The division ratio is programmable from 1 to 8191.
The maximum allowable input frequency of the R-Counter is 200 MHz.
The reference clock frequency can be extended up to 400 MHz by enabling the divide-by-2
stage or up to 800 MHz by enabling the divide-by-4 stage.
A frequency doubler is provided in order to double low reference frequencies and increase
the PFD operating frequency, thus allowing easier filtering of the out-of-band noise of the
Delta-Sigma Modulator. The doubler introduces a noise degradation in the in-band PLL
noise, so this feature should be used with care.
When the doubler is enabled, the maximum reference clock frequency is limited to 25 MHz,
leading to a maximum PFD frequency of 50 MHz.
MSv43272V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com