Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS84329BYLF Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS84329BYLF
Description  700MHZ, Low Jitter, Crystal-to-3.3V LVPECL Frequency Synthesizer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS84329BYLF Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS84329BYLF Datasheet HTML 1Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 2Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 3Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 4Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 5Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 6Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 7Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 8Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
84329B DATA SHEET
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V LVPECL
FREQUENCY SYNTHESIZER
5
REVISION B 07/29/14
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress
specifications only. Functional operation of product at these conditions or any conditions beyond those listed in the DC Characteristics or AC
Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VCC =VCCA = 3.3V±5%, TA = 0°C to 70°C
Table 4B. LVCMOS/LVTTL DC Characteristics, VCC =VCCA = 3.3V±5%, TA = 0°C to 70°C
NOTE 1: Outputs terminated with 50
 to V
CC/2. See Parameter Measurement Information section. Load Test Circuit diagrams.
Item
Rating
Supply Voltage, VCC
4.6V
Inputs, VI
-0.5V to VCC+ 0.5V
Outputs, IO
Continuous Current
Surge Current
50mA
100mA
Package Thermal Impedance,
JA
32-Lead LQFP
47.9
C/W (0 lfpm)
Storage Temperature, TSTG
-65
Cto150C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VCC
Core Supply Voltage
3.135
3.3
3.465
V
VCCA
Analog Supply Voltage
3.135
3.3
3.465
V
ICC
Power Supply Current
125
mA
ICCA
Analog Supply Current
15
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
2
VCC + 0.3
V
VIL
Input Low Voltage
-0.3
0.8
V
IIH
Input
High
Current
S_CLOCK,
S_DATA, S_LOAD
VCC =VIN = 3.465V
150
µA
nP_LOAD, OE
M0:M8, N0, N1
VCC =VIN = 3.465V
5
µA
IIL
Input
Low Current
S_CLOCK,
S_DATA, S_LOAD
VCC = 3.465V, VIN =0V
-5
µA
nP_LOAD, OE
M0:M8, N0, N1
VCC = 3.465V, VIN = 0V
-150
µA
VOH
Output High
Voltage
TEST; NOTE 1
2.6
V
VOL
Output Low
Voltage
TEST; NOTE 1
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com