Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS84329BYLF Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS84329BYLF
Description  700MHZ, Low Jitter, Crystal-to-3.3V LVPECL Frequency Synthesizer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS84329BYLF Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS84329BYLF Datasheet HTML 6Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 7Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 8Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 9Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 10Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 11Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 12Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 13Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
84329B DATA SHEET
REVISION B 07/29/14
10
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V LVPECL
FREQUENCY SYNTHESIZER
Figure 5A. RMS Jitter vs. fOUT (using a 16MHz crystal)
Figure 5B. Cycle-to-Cycle Jitter vs. fOUT (using a 16MHz crystal)
14
12
10
8
6
4
2
0
25
50
75 100 125 150 175 200 225 250 275 300 325 350 375 400 425 450 475 500 525
Output Frequency (MHz)
60
50
40
30
20
10
0
25
50
75 100 125 150 175 200 225 250 275 300 325 350 375 400 425 450 475 500 525
Output Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com