Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS84329BYLF Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ICS84329BYLF
Description  700MHZ, Low Jitter, Crystal-to-3.3V LVPECL Frequency Synthesizer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS84329BYLF Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ICS84329BYLF Datasheet HTML 4Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 5Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 6Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 7Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 8Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 9Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 10Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 11Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
84329B DATA SHEET
REVISION B 07/29/14
8
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V LVPECL
FREQUENCY SYNTHESIZER
Application Information
Recommendations for Unused Input and Output Pins
Inputs:
LVCMOS Control Pins
All control pins have internal pull-ups or pull-downs; additional
resistance is not required but can be added for additional protection.
A1k
 resistor can be used.
Outputs:
TEST Output
The unused TEST output can be left floating. There should be no
trace attached.
LVPECL Output
All unused LVPECL outputs can be left floating. We recommend that
there is no trace attached. Both sides of the differential output pair
should either be left floating or terminated.
Power Supply Filtering Technique
As in any high speed analog circuitry, the power supply pins are
vulnerable to random noise. To achieve optimum jitter performance,
power supply isolation is required. The 84329B provides separate
power supplies to isolate any high switching noise from the outputs
to the internal PLL. VCC and VCCA should be individually connected
to the power supply plane through vias, and 0.01µF bypass
capacitors should be used for each pin. Figure 2 illustrates how a
10
 resistor along with a 10F and a 0.01F bypass capacitor should
be connected to each VCCA pin. The 10 resistor can also be
replaced by a ferrite bead.
Figure 2. Power Supply Filtering
Crystal Input Interface
The 84329B has been characterized with 18pF parallel resonant
crystals. The capacitor values, C1 and C2, shown in Figure 3 below
were determined using a 25MHz, 18pF parallel resonant crystal and
were chosen to minimize the ppm error. The optimum C1 and C2
values can be slightly adjusted for different board layouts.
Figure 3. Crystal Input Interface
VDD
VDDA
2.5V
10
Ω
10µF
.01µF
.01µF
XTAL_IN
XTAL_OUT
X1
18pF Parallel Crystal
C1
22pF
C2
22pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com