Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS84329BYLF Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICS84329BYLF
Description  700MHZ, Low Jitter, Crystal-to-3.3V LVPECL Frequency Synthesizer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS84329BYLF Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICS84329BYLF Datasheet HTML 2Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 3Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 4Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 5Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 6Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 7Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 8Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 9Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
84329B DATA SHEET
REVISION B 07/29/14
6
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V LVPECL
FREQUENCY SYNTHESIZER
Table 4C. LVPECL DC Characteristics, VCC =VCCA = 3.3V±5%, TA = 0°C to 70°C
NOTE 1: Outputs terminated with 50
 to V
CC –2V.
Table 5. Crystal Characteristics
Table 6. Input Frequency Characteristics, VCC =VCCA = 3.3V±5%, TA = 0°C to 70°C
NOTE 1: For the crystal frequency range, the M value must be set to achieve the minimum or maximum VCO frequency range of 250MHz or
700MHz. Using the minimum input frequency of 10MHz, valid values of M are 400
 M  511. Using the maximum input frequency of 25MHz,
valid values of M are 160
 M  448.
AC Electrical Characteristics
Table 7. AC Characteristics, VCC =VCCA = 3.3V±5%, TA = 0°C to 70°C
See Parameter Measurement Information section.
Characterized using 16MHz XTAL.
NOTE 1: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 2: See Applications Section.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Current; NOTE 1
VCC – 1.4
VCC – 0.9
µA
VOL
Output Low Current; NOTE 1
VCC – 2.0
VCC – 1.7
µA
VSWING
Peak-to-Peak
Output Voltage Swing
0.6
1.0
V
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
10
25
MHz
Equivalent Series Resistance (ESR)
50
Shunt Capacitance
7pF
Drive Level
1mW
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fIN
Input
Frequency
XTAL; NOTE 1
10
25
MHz
S_CLOCK
50
MHz
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output Frequency
700
MHz
tjit(per)
Period Jitter, RMS;
NOTE 1, 2
fOUT  65MHz
5.5
ps
fOUT < 65MHz
12
ps
tjit(cc)
Cycle-to-Cycle Jitter;
NOTE 1, 2
fOUT  50MHz
35
ps
fOUT < 50MHz
50
ps
tR /tF
Output Rise/Fall Time
20% to 80%
300
800
ps
tS
Setup Time
5
ns
tH
Hold Time
5
ns
odc
Output Duty Cycle
45
50
55
%
tLOCK
PLL Lock Time
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com