| Electronic Components Datasheet Search |
|
DSP56321RM/D Datasheet(PDF) 76 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DSP56321RM/D Datasheet(HTML) 76 Page - NXP Semiconductors |
|
76 / 88 page ![]() A-6 Power Consumption Benchmark ; Register Addresses Of SSI1 M_TX10 EQU $FFFFAC ; SSI1 Transmit Data Register 0 M_TX11 EQU $FFFFAB ; SSI1 Transmit Data Register 1 M_TX12 EQU $FFFFAA ; SSI1 Transmit Data Register 2 M_TSR1 EQU $FFFFA9 ; SSI1 Time Slot Register M_RX1 EQU $FFFFA8 ; SSI1 Receive Data Register M_SSISR1 EQU $FFFFA7 ; SSI1 Status Register M_CRB1 EQU $FFFFA6 ; SSI1 Control Register B M_CRA1 EQU $FFFFA5 ; SSI1 Control Register A M_TSMA1 EQU $FFFFA4 ; SSI1 Transmit Slot Mask Register A M_TSMB1 EQU $FFFFA3 ; SSI1 Transmit Slot Mask Register B M_RSMA1 EQU $FFFFA2 ; SSI1 Receive Slot Mask Register A M_RSMB1 EQU $FFFFA1 ; SSI1 Receive Slot Mask Register B ; SSI Control Register A Bit Flags M_PM EQU $FF ; Prescale Modulus Select Mask (PM0-PM7) M_PSR EQU 11 ; Prescaler Range M_DC EQU $1F000 ; Frame Rate Divider Control Mask (DC0-DC7) M_ALC EQU 18 ; Alignment Control (ALC) M_WL EQU $380000 ; Word Length Control Mask (WL0-WL7) M_SSC1 EQU 22 ; Select SC1 as TR #0 drive enable (SSC1) ; SSI Control Register B Bit Flags M_OF EQU $3 ; Serial Output Flag Mask M_OF0 EQU 0 ; Serial Output Flag 0 M_OF1 EQU 1 ; Serial Output Flag 1 M_SCD EQU $1C ; Serial Control Direction Mask M_SCD0 EQU 2 ; Serial Control 0 Direction M_SCD1 EQU 3 ; Serial Control 1 Direction M_SCD2 EQU 4 ; Serial Control 2 Direction M_SCKD EQU 5 ; Clock Source Direction M_SHFD EQU 6 ; Shift Direction M_FSL EQU $180 ; Frame Sync Length Mask (FSL0-FSL1) M_FSL0 EQU 7 ; Frame Sync Length 0 M_FSL1 EQU 8 ; Frame Sync Length 1 M_FSR EQU 9 ; Frame Sync Relative Timing M_FSP EQU 10 ; Frame Sync Polarity M_CKP EQU 11 ; Clock Polarity M_SYN EQU 12 ; Sync/Async Control M_MOD EQU 13 ; SSI Mode Select M_SSTE EQU $1C000 ; SSI Transmit enable Mask M_SSTE2 EQU 14 ; SSI Transmit #2 Enable M_SSTE1 EQU 15 ; SSI Transmit #1 Enable M_SSTE0 EQU 16 ; SSI Transmit #0 Enable M_SSRE EQU 17 ; SSI Receive Enable M_SSTIE EQU 18 ; SSI Transmit Interrupt Enable M_SSRIE EQU 19 ; SSI Receive Interrupt Enable M_STLIE EQU 20 ; SSI Transmit Last Slot Interrupt Enable M_SRLIE EQU 21 ; SSI Receive Last Slot Interrupt Enable M_STEIE EQU 22 ; SSI Transmit Error Interrupt Enable M_SREIE EQU 23 ; SI Receive Error Interrupt Enable ; SSI Status Register Bit Flags M_IF EQU $3 ; Serial Input Flag Mask M_IF0 EQU 0 ; Serial Input Flag 0 M_IF1 EQU 1 ; Serial Input Flag 1 M_TFS EQU 2 ; Transmit Frame Sync Flag M_RFS EQU 3 ; Receive Frame Sync Flag M_TUE EQU 4 ; Transmitter Underrun Error FLag M_ROE EQU 5 ; Receiver Overrun Error Flag M_TDE EQU 6 ; Transmit Data Register Empty M_RDF EQU 7 ; Receive Data Register Full ; SSI Transmit Slot Mask Register A M_SSTSA EQU $FFFF ; SSI Transmit Slot Bits Mask A (TS0-TS15) ; SSI Transmit Slot Mask Register B M_SSTSB EQU $FFFF ; SSI Transmit Slot Bits Mask B (TS16-TS31) ; SSI Receive Slot Mask Register A M_SSRSA EQU $FFFF ; SSI Receive Slot Bits Mask A (RS0-RS15) ; SSI Receive Slot Mask Register B M_SSRSB EQU $FFFF ; SSI Receive Slot Bits Mask B (RS16-RS31) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |