Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7540 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST7540
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7540 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST7540 Datasheet HTML 2Page - STMicroelectronics ST7540 Datasheet HTML 3Page - STMicroelectronics ST7540 Datasheet HTML 4Page - STMicroelectronics ST7540 Datasheet HTML 5Page - STMicroelectronics ST7540 Datasheet HTML 6Page - STMicroelectronics ST7540 Datasheet HTML 7Page - STMicroelectronics ST7540 Datasheet HTML 8Page - STMicroelectronics ST7540 Datasheet HTML 9Page - STMicroelectronics ST7540 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Pin settings
ST7540
6/44
7
BU/THERM
Digital/Output
Band in use/Thermal Shutdown event detection output.
In Rx mode:
"1" Signal within the programmed band
"0" No signal within the programmed band
In Tx mode:
"1" - Thermal Shutdown event occurred
"0" - No Thermal Shutdown event occurred
(signal not latched)
8
CLR/T
Digital/Output
Synchronous mains access clock or
control register access clock
9
VDD
Supply/Power
Digital supply voltage or 3.3V voltage regulator output
10
MCLK
Digital/Output
Master clock output
11
RSTO
Digital/Output
Power ON or watchdog reset output
12
UART/SPI
Digital/Input
with internal pull-down
Interface type:
“0” - Serial peripheral interface
“1” - UART interface
13
WD
Digital/Input
with internal pull-up
Watchdog input. The internal watchdog counter is
cleared on the falling edges.
14
PA_IN-
Analog/Input
Power line amplifier inverting input
15
PA_OUT
Power/Output
Power line amplifier output
16
VSS
Supply
Power analog ground
17
VCC
Supply
Power supply voltage
18
PA_IN+
Analog/Input
Power line amplifier not inverting input
19
TX_OUT
Analog/Output
Small signal analog transmit output
20
SVSS
Supply
Analog signal ground
21
X1
Analog/Output
Crystal oscillator output
22
X2
Analog/Input
Crystal oscillator input - or external clock input
23
VSENSE
(1)
Analog/Input
Output voltage sensing input for the voltage control loop
24
CL(2)
Analog/Input
Current limiting feedback.
A resistor between CL and SVSS sets the PLI current
limiting value. An integrated 80pF filtering input
capacitance is present on this pin.
25
RX_IN
Analog/Input
Receiving analog input
26
VDC
Power
5V voltage regulator output
27
TEST1
Digital/Input
with internal pull-down
Test input. Must be connected to GND.
28
TEST2
Analog/Input
Test input. Must be connected SVSS
1.
Cannot be left floating
2.
Cannot be left floating
Table 1. Pin description (continued)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com