Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7540 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST7540
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7540 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST7540 Datasheet HTML 16Page - STMicroelectronics ST7540 Datasheet HTML 17Page - STMicroelectronics ST7540 Datasheet HTML 18Page - STMicroelectronics ST7540 Datasheet HTML 19Page - STMicroelectronics ST7540 Datasheet HTML 20Page - STMicroelectronics ST7540 Datasheet HTML 21Page - STMicroelectronics ST7540 Datasheet HTML 22Page - STMicroelectronics ST7540 Datasheet HTML 23Page - STMicroelectronics ST7540 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
Functional description
ST7540
20/44
Figure 6.
Synchronous and Asynchronous ST7540/Host Controller interfaces
ST7540 allows to interface the Host Controller using a five line interface (RxD,TxD,RxTx,
CLR/T, & REG_DATA) in case of Synchronous mains access or using a 3 line interface
(RxD,TxD & RxTx) in Asynchronous mains access. Since Control Register is not accessible
in Asynchronous mode, in this case REG_DATA pin must be tied to GND.
6.5.1
Communication between Host and ST7540
The Host can achieve the Mains access by selecting REG_DATA=”0” and the choice
between Data Transmission or Data Reception is performed by selecting RxTx line (if RxTx
=“1” ST7540 receives data from mains, if RxTx=”0” ST7540 transmits data over the mains).
Communication between Host and ST7540 is different in Asynchronous and Synchronous
mode:
Asynchronous mode:
In Asynchronous Mode, data are exchanged without any data Clock reference. The
host controller has to recover the clock reference in receiving Mode and control the Bit
time in transmission mode.
If RxTx line is set to “1” & REG_DATA=”0” (Data Reception), ST7540 enters in an Idle
State. After Tcc time the modem starts providing received data on RxD line.
If RxTx line is set to “0” & REG_DATA=”0” (Data Transmission), ST7540 enters in an
Idle State and transmission circuitry is switched on. After Tcc time the modem starts
transmitting data present on TxD line.
RxD
CLR/T
REG_DATA
RxTx
ST7540
Host Controller
TxD
UART/Asynchronous
Data Interface
RxD
CLR/T
REG_DATA
RxTx
ST7540
Host Controller
TxD
SPI/Synchronous
Data Interface
D03IN1415



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com