Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7540 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST7540
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7540 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST7540 Datasheet HTML 6Page - STMicroelectronics ST7540 Datasheet HTML 7Page - STMicroelectronics ST7540 Datasheet HTML 8Page - STMicroelectronics ST7540 Datasheet HTML 9Page - STMicroelectronics ST7540 Datasheet HTML 10Page - STMicroelectronics ST7540 Datasheet HTML 11Page - STMicroelectronics ST7540 Datasheet HTML 12Page - STMicroelectronics ST7540 Datasheet HTML 13Page - STMicroelectronics ST7540 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Electrical characteristics
ST7540
10/44
VOH
High logic level output
voltage
IOH= -2mA
VDD -
0.75
V
VOL
Low logic level output
voltage
IOL= 2mA
GND
+ 0.4
V
Oscillator
External Clock X2 voltage swing
External clock. Figure 4
5
Vpp
External Clock X2 DC voltage level
External clock. Figure 4
2.5
V
DC
XTAL Clock duty cycle
External clock.
40
60
%
Xtal
Crystal oscillator
frequency
fundamental
16
MHz
XtalESR
External oscillator esr
resistance
40
XtalCL
External oscillator
stabilization
capacitance
Figure 6
16
pF
Transmitter
ITX_OUT
Output transmitting
current on TX_OUT
1mArms
VTX_OUT
Max carrier output AC
voltage
RCL = 1.4kΩ
Vsense = 0V
1.75
2.3
3.5
VPP
VTX_OUTDC
Output DC voltage on
TX_OUT
1.7
2.1
2.5
V
HD2TX_OUT
Second harmonic
distortion on TX_OUT
VTX_OUT = 2VPP;
Fc = 86KHz, no load
-42
dBc
HD3TX_OUT
Third harmonic
distortion on TX_OUT
VTX_OUT = 2VPP;
Fc = 86KHz, no load
-49
dBc
G accuracy
Accuracy on voltage
control loop active
RCL = 0Ω
-1
+1
GST
GST
ALC gain step control
loop gain step
0.6
1
1.4
dB
DRNG
ALC dynamic range
30
dB
CCL
Input capacitance on
CL pin
80
pF
VsenseTH
Voltage control loop
reference threshold on
Vsense pin
Figure 17
160
180
200
mVPK
VsenseHYST
Hysteresis on voltage
loop reference
threshold
Figure 17
±18
mV
Table 5. Electrical characteristics (continued)
( VDD = +5V, VCC =+9 V, VSS = SVSS = GND = 0V,-40°C ≤TA ≤85°C, TJ < 125°C,
unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com