Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7540 Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST7540
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7540 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST7540 Datasheet HTML 21Page - STMicroelectronics ST7540 Datasheet HTML 22Page - STMicroelectronics ST7540 Datasheet HTML 23Page - STMicroelectronics ST7540 Datasheet HTML 24Page - STMicroelectronics ST7540 Datasheet HTML 25Page - STMicroelectronics ST7540 Datasheet HTML 26Page - STMicroelectronics ST7540 Datasheet HTML 27Page - STMicroelectronics ST7540 Datasheet HTML 28Page - STMicroelectronics ST7540 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
ST7540
Functional description
25/44
Carrier Detection
The Carrier/Preamble detection Block notifies to the host controller the presence of a
Carrier when it detects on the RX_IN Input a signal with an harmonic component close
to the programmed Carrier Frequency. The CD_PD signal sensitivity is identical to the
data reception sensitivity (0.5mVrms Typ. in Normal Sensitivity Mode). When the
device sensitivity is set by the TxD line (Sensitivity level equal to BU threshold) the
CD_PD signal is conditioned to the BU signal.
The CD_PD line is forced to a logic level low when a Carrier is detected.
Preamble Detection
The Carrier/Preamble detection Block notifies to the host controller the presence of a
Carrier modulated at the Programmed Baud Rate for at least 4 Consecutive Symbols
(“1010” or “0101” are the symbols sequences detected).
CD_PD line is forced low till a Carrier signal is detected and PLL is in the lock-in range.
To reinforce the effectiveness of the information given by CD_PD Block, a digital
filtering is applied on Carrier or Preamble notification signal (see Section 6.8: Control
register). The Detection Time Bits in the Control Register define the filter performance.
Increasing the Detection Time reduced the false notifications caused by noise on main
line. The Digital filter adds a delay to CD_PD notification equal to the programmed
Detection Time. When the carrier frequency disappears, CD_PD line is held low for a
period equal to the detection time and then forced high. During this time, some
spurious data caused by noise can be demodulated and sent over RxD line.
Header Recognition
In Control Register Extended Mode (Control Register bit 21=”1”, see Table 12) the
CD_PD line can be used to recognize if an header has been sent during the
transmission. With Header Recognition function enable (Control Register bit 18=”1”,
see Table 12), CD_PD line is forced low when a Frame Header is detected. If Frame
Length Count function is enabled, CD_PD is held low and a number of 16 bit word
equal to the Frame Length selected is sent to the host controller. In this case, CLR/T is
forced to “0” and RxD is forced to “0” or “1” (according the UART/SPI pin level) when
Header has not been detected or after the Frame Length has been reached.
If Frame Length Count function is disabled, an header recognition is signaled by forcing
CD_PD low for one period of CLR/T line. In this case, CLR/T and RxD signal are
always present, even if no header has been recognized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com