Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7540 Datasheet(PDF) 42 Page - STMicroelectronics

Part # ST7540
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7540 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ST7540 Datasheet HTML 36Page - STMicroelectronics ST7540 Datasheet HTML 37Page - STMicroelectronics ST7540 Datasheet HTML 38Page - STMicroelectronics ST7540 Datasheet HTML 39Page - STMicroelectronics ST7540 Datasheet HTML 40Page - STMicroelectronics ST7540 Datasheet HTML 41Page - STMicroelectronics ST7540 Datasheet HTML 42Page - STMicroelectronics ST7540 Datasheet HTML 43Page - STMicroelectronics ST7540 Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
Mechanical data
ST7540
42/44
Table 13. HTSSOP28 Mechanical data
Dim.
mm.
inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.2
0.047
A1
0.15
0.006
A2
0.8
1.0
1.05
0.031
0.039
0.041
b
0.19
0.3
0.007
0.012
c
0.09
0.2
0.003
0.008
D (*)
9.6
9.7
9.8
0.377
0.382
0.385
D1
3.3
0.130
E
6.2
6.4
6.6
0.244
0.252
0.260
E1 (*)
4.3
4.4
4.5
0.169
0.173
0.177
E2
1.5
e
0.65
0.026
L
0.45
0.6
0.75
0.018
0.024
0.029
L1
1.0
0.039
k
0° (min), 8° (max)
aaa
0.1
0.004
Figure 26. Package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com