Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7540 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST7540
Description  FSK power line transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7540 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST7540 Datasheet HTML 8Page - STMicroelectronics ST7540 Datasheet HTML 9Page - STMicroelectronics ST7540 Datasheet HTML 10Page - STMicroelectronics ST7540 Datasheet HTML 11Page - STMicroelectronics ST7540 Datasheet HTML 12Page - STMicroelectronics ST7540 Datasheet HTML 13Page - STMicroelectronics ST7540 Datasheet HTML 14Page - STMicroelectronics ST7540 Datasheet HTML 15Page - STMicroelectronics ST7540 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
Electrical characteristics
ST7540
12/44
HD2
PA_OUT
Second harmonic
distortion on PA_OUT
VPA_OUT = 5.6VPP ,
VCC = 12V
RLOAD = 30Ω
Carrier frequency:
86KHz
Figure 3
-63
dBc
HD3
PA_OUT
Third harmonic
distortion on PA_OUT
pin
VPA_OUT = 5.6VPP ,
VCC = 12V
RLOAD = 30Ω
Carrier frequency:
86KHz
Figure 3
- 63
dBc
Receiver
VIN
Input sensitivity
(Normal Mode)
0.5
2
mVrms
Input sensitivity
(High Sens.)
250
µV
rms
Input sensitivity (TxD
line forced to “1”)
VBU
dB/
µVrms
VIN
Maximum input signal
2
Vrms
RIN
Input impedance
80
100
140
k
VCD
Carrier detection
sensitivity
(Normal Mode)
0.5
2
mVrms
Carrier detection
sensitivity
(High Sensitivity Mode)
250
µV
rms
Carrier detection
sensitivity
(TxD forced to “1”)
VBU
dB/
µVrms
VBU
Band in Use Detection
Level
83.5
86
dB/
µVrms
Table 5. Electrical characteristics (continued)
( VDD = +5V, VCC =+9 V, VSS = SVSS = GND = 0V,-40°C ≤TA ≤85°C, TJ < 125°C,
unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com