Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1986ABSTZ Datasheet(PDF) 33 Page - Analog Devices

Part # AD1986ABSTZ
Description  AC ??7 and HD Audio SoundMAX Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986ABSTZ Datasheet(HTML) 33 Page - Analog Devices

Back Button AD1986ABSTZ Datasheet HTML 29Page - Analog Devices AD1986ABSTZ Datasheet HTML 30Page - Analog Devices AD1986ABSTZ Datasheet HTML 31Page - Analog Devices AD1986ABSTZ Datasheet HTML 32Page - Analog Devices AD1986ABSTZ Datasheet HTML 33Page - Analog Devices AD1986ABSTZ Datasheet HTML 34Page - Analog Devices AD1986ABSTZ Datasheet HTML 35Page - Analog Devices AD1986ABSTZ Datasheet HTML 36Page - Analog Devices AD1986ABSTZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
AD1986A
Rev. 0 | Page 33 of 56
Register
Function
SPDIF configuration is supported. SPCV is always valid, independent of the SPDIF enable bit status.
SPCV
S/PDIF Configuration Status
0
Invalid SPDIF configuration (SPSA, SPSR, DAC slot rate, DRS)
(SPDIF
Configuration
Valid)
1
Valid SPDIF configuration
Actual status reflected in the CDAC (0x3A D06) bit.
PRI
CENTER DAC Power Status
0
Power on center DAC
Default
PRI
(Center DAC
Power-Down)
1
Power down center DAC
Actual status reflected in the SDAC bit.
PRJ
Surround DACs Power Control
0
Power on surround DACs
Default
PRJ
(Surround
DACs Power-
Down)
1
Power down surround DACs
Actual status reflected in the LDAC bit.
PRK
LFE DACs Power Control
0
Power on LFE DAC
Default
PRK
(LFE DAC
Power-Down)
1
Power down LFE DAC
x
Reserved.
Default: 0
FRONT DAC PCM RATE (REGISTER 0x2C)
This read/write sample rate control register contains 16-bit unsigned value, representing the rate of operation in Hz. If the VRA bit
(0x2A D00) is 0 this register is forced to 48 kHz (0xBB80). If VRA is 1, this register can be programmed with the actual sample rate.
To use 96 kHz in AC ’97 mode set the double rate audio (DRA) bit (0x2A D01). When using DRA in AC ’97, only the front DACs are
supported and all other DACs (surround, center, and LFE) are automatically powered down.
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x2C
Front DAC PCM
Rate
R15
R14
R13
R12
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
0xBB80
Table 92.
Register
Function
R [15:0]
(Sample
Rate)
The sampling frequency range is from 7 kHz (0x01B58) to 48 kHz (0xBB80) in 1 Hz increments. If 0 is written to VRA, then the
sample rates are reset to 48 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com