Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1986ABSTZ Datasheet(PDF) 37 Page - Analog Devices

Part # AD1986ABSTZ
Description  AC ??7 and HD Audio SoundMAX Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986ABSTZ Datasheet(HTML) 37 Page - Analog Devices

Back Button AD1986ABSTZ Datasheet HTML 33Page - Analog Devices AD1986ABSTZ Datasheet HTML 34Page - Analog Devices AD1986ABSTZ Datasheet HTML 35Page - Analog Devices AD1986ABSTZ Datasheet HTML 36Page - Analog Devices AD1986ABSTZ Datasheet HTML 37Page - Analog Devices AD1986ABSTZ Datasheet HTML 38Page - Analog Devices AD1986ABSTZ Datasheet HTML 39Page - Analog Devices AD1986ABSTZ Datasheet HTML 40Page - Analog Devices AD1986ABSTZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
AD1986A
Rev. 0 | Page 37 of 56
EQ CONTROL REGISTER (REGISTER 0x60)
Register 0x60 is a read/write register that controls equalizer function and data setup. The register also contains the biquad and coefficient
address pointer, which is used in conjunction with the EQ data register (0x78) to set up the equalizer coefficients. The reset default
disables the equalizer function until the coefficients can be properly set up by the software and sets the symmetry bit to allow equal
coefficients for left and right channels.
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x60
EQ
Control
EQM
x
x
x
x
x
x
x
SYM
CHS
BCA5
BCA4
BCA3
BCA2
BCA1
BCA0
0x8080
Table 99. Biquad and Coefficient Address Pointer
BCA [5,0]
Biquad 0
Coef a0
BCA [5,0] = 011011
Biquad 0
Coef a1
BCA [5,0] = 011010
Biquad 0
Coef a2
BCA [5,0] = 011001
Biquad 0
Coef b1
BCA [5,0] = 011101
Biquad 0
Coef b2
BCA [5,0] = 011100
Biquad 1
Coef a0
BCA [5,0] = 100000
Biquad 1
Coef a1
BCA [5,0] = 011111
Biquad 1
Coef a2
BCA [5,0] = 011110
Biquad 1
Coef b1
BCA [5,0] = 100010
Biquad 1
Coef b2
BCA [5,0] = 100001
Biquad 2
Coef a0
BCA [5,0] = 100101
Biquad 2
Coef a1
BCA [5,0] = 100100
Biquad 2
Coef a2
BCA [5,0] = 100011
Biquad 2
Coef b1
BCA [5,0] = 100111
Biquad 2
Coef b2
BCA [5,0] = 100110
Biquad 3
Coef a0
BCA [5,0] = 101010
Biquad 3
Coef a1
BCA [5,0] = 101001
Biquad 3
Coef a2
BCA [5,0] = 101000
Biquad 3
Coef b1
BCA [5,0] = 101100
Biquad 3
Coef b2
BCA [5,0] = 101011
Biquad 4
Coef a0
BCA [5,0] = 101111
Biquad 4
Coef a1
BCA [5,0] = 101110
Biquad 4
Coef a2
BCA [5,0] = 101101
Biquad 4
Coef b1
BCA [5,0] = 110001
Biquad 4
Coef b2
BCA [5,0] = 110000
Biquad 5
Coef a0
BCA [5,0] = 110100
Biquad 5
Coef a1
BCA [5,0] = 110011
Biquad 5
Coef a2
BCA [5,0] = 110010
Biquad 5
Coef b1
BCA [5,0] = 110110
Biquad 5
Coef b2
BCA [5,0] = 110101
Biquad 6
Coef a0
BCA [5,0] = 111001
Biquad 6
Coef a1
BCA [5,0] = 111000
Biquad 6
Coef a2
BCA [5,0] = 110111
Biquad 6
Coef b1
BCA [5,0] = 111011
Biquad 6
Coef b2
BCA [5,0] = 111010
Table 100.
Register
Function
Swaps the blocks that are used for symmetry coefficients. Only valid when the SYM bit is set.
CHS
Function
Default
0
Selects left channel coefficients’ data block
Default
CHS
(Channel
Select)
1
Selects right channel coefficients’ data block
When set to 1 this bit indicates that the left and right channel coefficients are equal.
This shortens the coefficients setup sequence since only the left channel coefficients need to be addressed and set up. The
right channel coefficients are simultaneously copied into memory.
SYM
Function
0
Left and right channels can use different coefficients
SYM
(Symmetry)
1
Indicates that the left and right channel coefficients are equal
Default
When set to 1, this bit disables the equalizer function (allows all data to pass through). The reset default sets this bit to 1,
disabling the equalizer function until the biquad coefficients can be properly set.
EQM
Function
0
EQ is enabled.
EQM
(Equalizer
Mute)
1
EQ is disabled. Data will pass-through without change.
Default
x
Reserved.
Default: 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com