Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1986ABSTZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD1986ABSTZ
Description  AC ??7 and HD Audio SoundMAX Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986ABSTZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD1986ABSTZ Datasheet HTML 10Page - Analog Devices AD1986ABSTZ Datasheet HTML 11Page - Analog Devices AD1986ABSTZ Datasheet HTML 12Page - Analog Devices AD1986ABSTZ Datasheet HTML 13Page - Analog Devices AD1986ABSTZ Datasheet HTML 14Page - Analog Devices AD1986ABSTZ Datasheet HTML 15Page - Analog Devices AD1986ABSTZ Datasheet HTML 16Page - Analog Devices AD1986ABSTZ Datasheet HTML 17Page - Analog Devices AD1986ABSTZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
AD1986A
Rev. 0 | Page 14 of 56
HD AUDIO WIDGETS
Table 23. Root Node
NID
Name
TID
Type
Description
0x00
Root
N/A
Root
Device identification.
Table 24. Function Group Node
NID
Name
TID
Type
Description
0x01
Function
N/A
Function
Designates this device as an audio codec.
Table 25. ADI Specific Verb Support
Payload
Verb
G/S
VID
Description
Bit
Response
(32 Bits)
Description
SDI Select
Get
0xF04
N/A (0)
N/A (0)
The AD1986A has only a single SDI line, thus set
SDI verbs are ignored and get SDI verbs always
return a 0.
Set
0x704x
N/A (0)
8
N/A (0)
Processing
Coefficient
Get
C--0x
N/A (0)
ADI-Specific
Function
Setting
Get/set the vendor specific function at the below
coefficient index address. Address is an 8-bit value
and does not auto-increment.
Set
4--x
ADI-specific function control
16
N/A (0)
Coefficient
Index
Get
D--0x
N/A (0)
ADI Function
Index
Get/set the index of the vendor-specific function.
The index does not auto-increment when writing
the function (processing coefficient) command.
Set
5--0x
ADI function index
8
N/A (0)
Processing
Index
Get
0xF03
N/A (0)
N/A (0)
No processing states are supported by this node.
Set operations do nothing, Get operations always
return a 0.
Set
0x703
N/A (0)
8
N/A (0)
Table 26. S/PDIF Audio Output
NID
Name
TID
Type
Description
0x02
S/PDIF Audio Output
0x0
Audio Output
Designates the codec S/PDIF digital stream interface. Selects
between the HD audio I/F and the record ADC as sources.
Table 27. ADI Specific Verb Support
Payload
Verb
G/S
VID
Description
Bit
Response
(32 Bits)
Description
Get
0xF04
N/A (0)
N/A (0)
SDI Select
Set
0x704
N/A (0)
8
N/A (0)
The AD1986 has only a single SDI line, thus set SDI verbs are
ignored and get SDI verbs always return a 0.
Table 28. Front DAC Audio Output
NID
Name
TID
Type
Description
0x03
Front DAC Audio Output
0x0
Audio Output
Designates the front channel DACs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com