Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1986ABSTZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD1986ABSTZ
Description  AC ??7 and HD Audio SoundMAX Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986ABSTZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD1986ABSTZ Datasheet HTML 40Page - Analog Devices AD1986ABSTZ Datasheet HTML 41Page - Analog Devices AD1986ABSTZ Datasheet HTML 42Page - Analog Devices AD1986ABSTZ Datasheet HTML 43Page - Analog Devices AD1986ABSTZ Datasheet HTML 44Page - Analog Devices AD1986ABSTZ Datasheet HTML 45Page - Analog Devices AD1986ABSTZ Datasheet HTML 46Page - Analog Devices AD1986ABSTZ Datasheet HTML 47Page - Analog Devices AD1986ABSTZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
AD1986A
Rev. 0 | Page 44 of 56
Register
Function
DMIX [1:0]
(DOWN MIX Mode
Select)
Provides analog down-mixing of the center, LFE, and/or surround channels into the mixer channels. This allows
the full content of 5.1 or quad media to be played through stereo headphones or speakers. The jack sense pins
can also be set up to control (gate) this function depending on the JS0DMx and JS1DMx Bits (0x72 D [14:13]).
DMIX [1:0]
Down-Mix State
Default
0x
No down-mix unless activated by jack sense
Default
10
Selects 6-to-4 down mix. The center and LFE channels are
summed equally into the Mixer L/R channels
11
Selects 6-to-2 down mix. In addition to the center and LFE
channels, the SURROUND channels are summed into the
mixer L/R channels
Controls the Hi-Z state of the SURROUND output pins. Pins are placed into a Hi-Z mode by software control or
when they are selected as inputs to the LINE_IN selector (see the LISEL [1:0] bits 0x76 D [03:02]).
CLDIS
SURROUND_OUT State
0
Outputs enabled
Default
SODIS
(Surround Output
Enable)
1
Outputs three-stated (Hi-Z)
MSPLT (RO)
(Mute Split)
Separates the left and right mutes on all volume registers. This bit is read-only 1 (one) on the AD1986A,
indicating that mute split is always enabled.
AC ‘97NC (RO)
(AC ‘97 No Compatibility
Mode)
Changes addressing to ADI model (vs. true AC ’97 definition). This bit is read-only 1 (one) on the AD1986A,
indicating that ADI addressing is always enabled.
Determines DAC data fill under starved condition.
DACZ
DAC Fill State
0
DAC data is repeated when DACs are starved for data
Default
DACZ
(DAC Zero-Fill)
1
DAC data is zero-filled when DACs are starved for data
x
Reserved.
Default: 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com