Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1986ABSTZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD1986ABSTZ
Description  AC ??7 and HD Audio SoundMAX Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986ABSTZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD1986ABSTZ Datasheet HTML 14Page - Analog Devices AD1986ABSTZ Datasheet HTML 15Page - Analog Devices AD1986ABSTZ Datasheet HTML 16Page - Analog Devices AD1986ABSTZ Datasheet HTML 17Page - Analog Devices AD1986ABSTZ Datasheet HTML 18Page - Analog Devices AD1986ABSTZ Datasheet HTML 19Page - Analog Devices AD1986ABSTZ Datasheet HTML 20Page - Analog Devices AD1986ABSTZ Datasheet HTML 21Page - Analog Devices AD1986ABSTZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
AD1986A
Rev. 0 | Page 18 of 56
Table 51. Aux MixAmp
NID
Name
TID
Type
Description
0x16h
Aux MixAmp
0x3h
Audio Selector
The auxiliary input amplifier to the analog mixer.
Table 52. Line In MixAmp
NID
Name
TID
Type
Description
0x17
Line In MixAmp
0x3
Audio Selector
The line in amplifier input to the analog mixer.
Table 53. PC Beep Selector
NID
Name
TID
Type
Description
0x18
PC Beep Selector
0x3
Audio Selector
The digital/analog PC beep selector and amplifier input to
the analog mixer.
Table 54. Digital PC Beep
NID
Name
TID
Type
Description
0x19
Digital PC Beep
0x7
Digital Beep
Digital PC beep generator.
Table 55. HP Out
NID
Name
TID
Type
Description
0x1A
HP Out
0x4
Pin Complex
HP_OUT pin drivers. Contains the output amplifier for HP
gain control. Supports headphone drive function. See the pin
widget control verb descriptions.
Table 56. Line Out
NID
Name
TID
Type
Description
0x1B
Line Out
0x4
Pin Complex
LINE (FRONT)_OUT pin drivers. Contains the output amplifier
for line (front) gain control. Supports headphone drive
function. Supports the EAPD (external amp power-down)
function pin.
Table 57. Surround Out
NID
Name
TID
Type
Description
0x1C
Surround Out
0x4
Pin Complex
SURROUND pin drivers. Contains the output amplifier for
surround gain control. Supports multitasking as either the
surround outputs or can be configured as the LINE_IN inputs.
Table 58. C/LFE Out
NID
Name
TID
Type
Description
0x1D
C/LFE Out
0x4
Pin Complex
C/LFE pin drivers. Contains the output amplifier for C/LFE
gain control. Supports the left/right channel swap function.
Supports multitasking as either the C/LFE outputs or can be
configured as the MIC1/2 inputs. Supports microphone bias
(VREF_OUT).
Table 59. Mono Out
NID
Name
TID
Type
Description
0x1E
Mono Out
0x4
Pin Complex
MONO_OUT Pin driver. Contains the output amplifier for
MONO_OUT gain control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com