Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1986ABSTZ Datasheet(PDF) 53 Page - Analog Devices

Part # AD1986ABSTZ
Description  AC ??7 and HD Audio SoundMAX Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986ABSTZ Datasheet(HTML) 53 Page - Analog Devices

Back Button AD1986ABSTZ Datasheet HTML 48Page - Analog Devices AD1986ABSTZ Datasheet HTML 49Page - Analog Devices AD1986ABSTZ Datasheet HTML 50Page - Analog Devices AD1986ABSTZ Datasheet HTML 51Page - Analog Devices AD1986ABSTZ Datasheet HTML 52Page - Analog Devices AD1986ABSTZ Datasheet HTML 53Page - Analog Devices AD1986ABSTZ Datasheet HTML 54Page - Analog Devices AD1986ABSTZ Datasheet HTML 55Page - Analog Devices AD1986ABSTZ Datasheet HTML 56Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
AD1986A
Rev. 0 | Page 53 of 56
JACK PRESENCE DETECTION
The AD1986A uses two jack sense lines for presence detection
on up to eight external jacks. These lines, combined with the
device detection circuitry, enable software to determine whether
there is a device plugged into the circuit and what type of device
it is. With this feature, software can reconfigure jacks and
amplifiers as necessary to ensure proper audio operation.
Jack presence is detected using a resistor tree arrangement. Up
to four jacks can be sensed on a single sense line by using a
different value resistance for each jack between the sense line
and ground (AVSS). Each sense line must have a single 2.49 kΩ
1% resistor connected between the sense line and AVDD. The
specific resistor values for each jack are shown in Table 116.
One percent tolerance resistors should be used for all jack
presence circuitry to ensure accurate detection.
AUDIO JACK STYLES (NC/NO)
The jack sense lines on the AD1986A can be programmed for
use with normally-open (NO) or normally closed (NC) switch
types. Current standard stereo audio jacks have wrap-back pins
that are normally closed. New audio jacks use isolated, normally
open switches, which are required for resistive ladder jack
presence detection. Each sense group (A or B) must have the
same style of jack for presence detection to function correctly.
However, the group (A or B) sense type can be programmed
separately to accommodate systems with different styles of jacks
on the front versus rear panel.
The AD1986A defaults to the isolated, normally open switch
types on power-up. The jack sense style for SENSE_A is
controlled by the JSINVA bit (Register 0x7A Bit D11). The jack
sense style for SENSE_B is controlled by the JSINVB bit
(Register 0x7A Bit D15). Writing a 1 to these bits will configure
the corresponding sense circuit for normally closed instead of
normally open switch types.
Wrap-back jacks cannot be used in microphone-capable cir-
cuits. For this reason isolated switches are recommended. The
codec defaults to sensing No style switches and this method is
preferred.
Normally-Open Switches
If a connection is not present, do not install the sense resistor
pertaining to that connection.
If a connection is present, but there is no related switch (such as
an internal connection), install the sense resistor pertaining to
that connection.
Normally Closed Switches
Connections capable of MIC bias require isolated switches to
function correctly. When using normally closed, wrap-back
switches, the jack resistor must be split into two values. One
value connects the sense line to the jack switch and the other
connects the related audio connection to AVSS. The total
resistance (sense line to AVSS) must equal the value specified in
Table 116.
If a connection is not present, install the sense resistors
pertaining to that connection.
If a connection is present, but there is no related switch (such as
an internal connection), do not install the sense resistors
pertaining to that connection.
Table 116. Jack Sense Mapping
JACK_SENSE_A
JACK_SENSE_B
Resister (1% tolerance)
Mnemonic
Jack
JS
Mnemonic
Jack
JS
4.99 k
Ω
D
JS7
LINE OUT
H
JS0
10.0 k
Ω
LINE IN
C
JS4
C/LFE
G
JS3
20.0 k
Ω
MIC_1/2
B
JS5
SURROUND
F
JS2
40.2 k
Ω
HP_OUT
A
JS1
AUX IN
E
JS6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com