Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66596FP Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 34Page - Renesas Technology Corp M66596FP Datasheet HTML 35Page - Renesas Technology Corp M66596FP Datasheet HTML 36Page - Renesas Technology Corp M66596FP Datasheet HTML 37Page - Renesas Technology Corp M66596FP Datasheet HTML 38Page - Renesas Technology Corp M66596FP Datasheet HTML 39Page - Renesas Technology Corp M66596FP Datasheet HTML 40Page - Renesas Technology Corp M66596FP Datasheet HTML 41Page - Renesas Technology Corp M66596FP Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 36 of 127
Interrupt status register 1[INTSTS1]
<Address: 42H>
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
BCHG
SOFR
DTCH
BEMP
NRDY
BRDY
SIGN
SACK
?
?
?
?
0
0
-
-
0
0
-
0
0
0
-
0
?
?
?
?
0
0
-
0
0
0
-
0
0
0
-
0
?
?
?
?
?
?
?
?
0
0
-
0
0
0
-
0
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
Bit
Name
Function
S/W
H/W
Note
15 Nothing is placed here. These should be fixed at “0”.
14 BCHG
USB bus change interrupt status
0: BCHG Interrupts not issued
1: BCHG Interrupts issued
R/W
W
3.2.11
13 SOFR
Frame number refresh interrupt status
This bit is a mirror bit of a 40H SOFR bit.
0: SOF Interrupts not issued
1: SOF Interrupts issued
R/W(0)
W
3.2.8
2.9.1
12 DTCH
Full-Speed detach detect interrupt status
0: DTCH Interrupts not issued
1: DTCH Interrupts issued
R/W
W
3.2.12
*4),*5)
11 Nothing is placed here. This should be fixed at “0”.
10 BEMP
Buffer Empty interrupt status
This bit is a mirror bit of a 40H BEMP bit.
0: BEMP interrupts not issued
1: BEMP interrupts issued
R
W
2.9.1
3.2.5
9
NRDY
Buffer Not Ready response interrupt
status
This bit is a mirror bit of a 40H NRDY bit.
0: NRDY interrupts not issued
1: NRDY interrupts issued
R
W
2.9.1
3.2.4
8
BRDY
Buffer Ready interrupt status
This bit is a mirror bit of a 40H BRDY bit.
0: BRDY interrupts not issued
1: BRDY interrupts issued
R
W
2.9.1
3.2.3
7-6 Nothing is placed here. This should be fixed at “0”.
5
SIGN
Setup transaction error detect interrupt
status
0: SIGN interrupts not issued
1: SIGN interrupts issued
R/W
R
3.2.14
*4)
4
SACK
Setup transaction complete interrupt
status
0: SACK interrupts not issued
1: SACK interrupts issued
R/W
R
3.2.13
*4)
3-0 Nothing is placed here. This should be fixed at “0”.
<<Notes>>
*4) DTCH, SIGN, SACK bit are effective only at the time of a Host mode.
*5) The DTCH bit is effective only at the time of Full-Speed mode.
Please perform detach detection by S/W, such as detecting ignore packet from peripheral device at the time of
Hi-Speed mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com