| Electronic Components Datasheet Search |
|
M66596FP Datasheet(PDF) 97 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M66596FP Datasheet(HTML) 97 Page - Renesas Technology Corp |
|
97 / 133 page ![]() M66596FP/WG rev .1.00 2006.3.14 page 95 of 127 3.9.4 Setup of data to be transmitted using isochronous transfer in the Peripheral mode. With isochronous data transmission using this controller at Peripheral mode, after data has been written to the buffer memory, a data packet can be sent with the next frame in which an SOF packet is detected. This function is called the isochronous transfer transmission data setup function, and it makes it possible to designate the frame from which transmission began. If a double buffer is being used for the buffer memory, transmission will be enabled for only one of the two buffers even after the writing of data to both buffers has been completed, that buffer memory being the one to which the data writing was completed first. For this reason, even if multiple IN tokens are received, the only buffer memory that can be sent is one packet’s worth of data. When an IN token is received, if the buffer memory is in the transmission enabled state, the controller transmits the data. If the buffer memory is not in the transmission enabled state, however, a Zero-Length packet is sent and an underrun error occurs. Figure 3.26 shows an example of transmission using the isochronous transfer transmission data setup function with the controller, when “IITV=0 (every frame)” has been set. Sending of a Zero-Length packet is displayed in the illustration as “Null”, in a shaded box. Transmission enabled state Buffer A Buffer B Writing completed Empty state IN Buffer A Buffer B Null IN Data-A IN Data-B IN Buffer A Buffer B Null IN Data-A IN Data-B IN Null Transmission enabled state Writing in progress Writing completed Empty state IN IN Null Null Empty state IN Buffer A Buffer B Empty state Data-A Received token Sent packet Received token Send packet Received token Send packet SOF packet Writing in progress Empty state Writing in progress Transmission enabled state Empty state Writing in progress Writing completed Transmission enabled state Empty state Writing in progress Writing completed Empty state Writing in progress Writing completed Transmission enabled state Empty state Empty state Writing in progress Writing completed Transmission enabled state Empty state Writing in progress Writing completed Empty state Writing in progress Writing completed Transmission enabled state Empty state Figure 3.26 Example of data setup function operation |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |