Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66596FP Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 42Page - Renesas Technology Corp M66596FP Datasheet HTML 43Page - Renesas Technology Corp M66596FP Datasheet HTML 44Page - Renesas Technology Corp M66596FP Datasheet HTML 45Page - Renesas Technology Corp M66596FP Datasheet HTML 46Page - Renesas Technology Corp M66596FP Datasheet HTML 47Page - Renesas Technology Corp M66596FP Datasheet HTML 48Page - Renesas Technology Corp M66596FP Datasheet HTML 49Page - Renesas Technology Corp M66596FP Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 44 of 127
2.14 Pipe configuration register
The PIPE1-7 settings should be set using the PIPESEL, PIPECFG, PIPEBUF, PIPEMAXP, PIPEPERI, and
PIPExCTR
registers.
After selecting the pipe using the PIPESEL register, set the functions of the pipe using the PIPECFG, PIPEBUF,
PIPEMAXP
and PIPEPERI registers. The PIPExCTR register can be set separately from the pipe selection specified
with the PIPESEL register, with no relation between them.
For an H/W reset, S/W reset, USB bus reset, and when shifting to the low-power sleep state, the pertinent bits for
not only the selected pipe, but all of the pipes are initialized.
Pipe window selection register [PIPESEL]
<Address: 64H>
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PIPESEL
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
0
0
-
0
0
0
-
0
0
0
-
0
Bit
Name
Function
S/W
H/W
Note
15-3 Nothing is placed here. These should be fixed at “0”.
2-0 PIPESEL
Pipe window selection
000: Not selected
001: Pipe 1
010: Pipe 2
011: Pipe 3
100: Pipe 4
101: Pipe 5
110: Pipe 6
111: Pipe 7
R/W
R
*1)
<<Note>>
*1) When"PIPESEL=000" is set, “0” is read from all of the bits of the five related registers noted above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com