| Electronic Components Datasheet Search |
|
M66596FP Datasheet(PDF) 95 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M66596FP Datasheet(HTML) 95 Page - Renesas Technology Corp |
|
95 / 133 page ![]() M66596FP/WG rev .1.00 2006.3.14 page 93 of 127 3.9.2 DATA-PID Because High-Bandwidth transfers are not supported, In the Peripheral mode, the DATA-PID added with the USB 2.0 standard is supported as indicated below. (1) IN direction: (a) DATA0: Sent as data packet PID (b) DATA1: Not sent (c) DATA2: Not sent (d) mDATA: Not sent (2) OUT direction(when using Full-Speed operation): (a) DATA0: Received normally as data packet PID (b) DATA1: Received normally as data packet PID (c) DATA2: Packet is ignored (d) mDATA: Packet is ignored (3) OUT direction(when using Hi-Speed operation): (a) DATA0: Received normally as data packet PID (b) DATA1: Received normally as data packet PID (c) DATA2: Received normally as data packet PID (d) mDATA: Received normally as data packet PID 3.9.3 Interval counter 3.9.3.1 An overview of operation The isochronous interval can be set using the IITV bit of the PIPEPERI register. In the Peripheral mode, interval counter is used for the function of a table. In the Host mode, the transmitting timing of a token is generated. Table 3.26 The function of an interval counter in the Peripheral mode Direction Function Detection conditions IN IN buffer flush When a token cannot be normally received in the interval frame during an isochronous IN transfer OUT Notification of a token not being received When a token cannot be normally received in the interval frame during an isochronous OUT transfer The interval count is carried out when an SOF is received or for interpolated SOFs, so the isochronism can be maintained even if an SOF is damaged. The frame interval that can be set is 2IITV(u) frames. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |