Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66596FP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M66596FP Datasheet HTML 1Page - Renesas Technology Corp M66596FP Datasheet HTML 2Page - Renesas Technology Corp M66596FP Datasheet HTML 3Page - Renesas Technology Corp M66596FP Datasheet HTML 4Page - Renesas Technology Corp M66596FP Datasheet HTML 5Page - Renesas Technology Corp M66596FP Datasheet HTML 6Page - Renesas Technology Corp M66596FP Datasheet HTML 7Page - Renesas Technology Corp M66596FP Datasheet HTML 8Page - Renesas Technology Corp M66596FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 133 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 2 of 127
1.2.5
Bus interfaces
•
The user can select either a 1.8 V or 3.3 V bus interface power supply
•
16-bit CPU bus interface
-
16-bit separate bus and 16-bit multiplex bus supported
-
8 and 16-bit DMA interface (slave function) supported
•
8-bit split bus (dedicated external DMA interface) supported
•
Built-in two DMA interface channels
•
DMA transfer enables high-speed access of 40 MB/sec.
1.2.6
Pipe configuration
•
Built-in 5 KB buffer memory for USB communication
•
Up to 8 pipes(endpoints) can be selected (including the default control pipe for endpoint 0)
•
Programmable pipe configuration
•
End point numbers can be assigned to pipe 1-7.
•
Transfer conditions that can be set for each pipes
-
Pipe 0: Control transfer, continuous transfer mode, 256-byte fixed single buffer
-
Pipe 1 and 2: Bulk transfer or isochronous transfer, continuous transfer mode, programmable buffer size
(up to 2 KB; double buffer can be selected)
-
Pipe 3 to 5: Bulk transfer, continuous transfer mode, programmable buffer size
(up to 2 KB; double buffer can be selected)
-
Pipe 6 and 7: Interrupt transfer, 64-byte fixed single buffer
1.2.7
Feature in host mode
•
Capable of USB Hi-Speed transfer to one peripheral device.
•
Automatic schedule to send SOF and transaction.
•
Automatic schedule interval of isochronous trenasfer and interrupt transfer.
1.2.8
Feature in peripheral mode
•
Control transfer stage control function
•
Device state control function
•
Auto response function for SET_ADDRESS request
•
NAK response assignment function (NRDY)
1.2.9
Other functions
•
Automatic recognition of Hi-Speed operation or Full-Speed operation based on automatic response to the reset
handshake
•
Byte endian swap function when using 16-bit data transfers
•
Transfer termination function when using transaction count function.
•
DMA transfer termination function using external trigger (DEND pin)
•
SOF interpolation function
•
SOF pulse output function
•
Three types of input clocks can built into the PLL and are available for selection
-
Input clocks of 48 MHz / 24 MHz / 12 MHz can be selected
•
Zero-Length packet addition function (DEZPM) when ending DMA transfers using the DEND pin
•
BRDY interrupt event notification timing change function (BFRE)
•
Function that automatically clears the buffer memory after the data for the pipe specified at the DxFIFO port
has been read (DCLRM)
•
Function to automatically supply a clock from the low-power sleep state (ATCKM)
•
NAK setting function for response PID generated by end of transfer (SHTNAK)
1.2.10 Applications
PDA, DVD recorder, Set top box, Digital TV, Printer , USB audio devce, Digital video camera, Digital still camera,
external storage device, and Hi-Speed USB devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com