Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSPM2000 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # ZSPM2000
Description  True Digital PWM Controller with Integrated MOSFET Driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSPM2000 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button ZSPM2000 Datasheet HTML 25Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 26Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 27Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 28Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 29Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 30Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 31Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 32Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
ZSPM2000 Datasheet
© 2016 Integrated Device Technology, Inc.
29
January 27, 2016
4.7.
Detailed Description of the Supported PMBus™ Commands
4.7.1.
OPERATION Command
The OPERATION command is used to turn the unit on and off in conjunction with the input from the CONTROL
pin. The unit stays in the commanded operating mode until a subsequent OPERATION command or change in
the state of the CONTROL pin instructs the ZSPM2000 to change to another mode. The supported operation
modes are listed in Table 4.7.
Table 4.7
Supported PMBus™ Operation Modes
OPERATION (01HEX, read/write)
Bits[7:6]
Bits[5:4]
Bits[3:2]
Bits[1:0]
Unit
On or Off
Margin
State
01
XX
XX
XX
Soft Off (With
Sequencing)
N/A
10
00
XX
XX
On
Off
4.7.2.
ON_OFF_CONFIG Command
The ON_OFF_CONFIG command is used to configure the combination of the CONTROL pin and PMBus™
OPERATION command that turns the unit on or off. The supported configuration options are listed in Table 4.8.
Table 4.8
Supported PMBus™ ON_OFF_CONFIG Options
ON_OFF_CONFIG (02HEX, read/write)
Bits
Name
Description
[0]
CONTROL OFF
Value ignored.
Device always uses the programmed turn off delay and fall time.
[1]
CONTROL Polarity
0: Active low (pull pin low to start the unit).
1: Active high (pull pin high to start the unit).
[2]
CONTROL Enable
0: Unit ignores the CONTROL pin.
1: Unit requires the CONTROL pin to be asserted to start the unit.*
[3]
OPERATION Enable
0: Unit ignores the on/off settings in the OPERATION command.
1: Unit requires the on/off settings in the OPERATION command to start the
unit*.
* Depending on the configuration, both conditions must be in the on state in order to turn on the unit.
4.7.3.
CLEAR_FAULTS Command
The CLEAR_FAULTS command is used to clear any fault bits that have been set in the status registers.
Additionally, the SMBALERT signal is cleared if it was previously asserted. Note that the device resumes opera-
tion with the currently configured state after a CLEAR_FAULTS command has been issued. If a fault/warning is
still present, the respective bit is set immediately again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com