Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSPM2000 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ZSPM2000
Description  True Digital PWM Controller with Integrated MOSFET Driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSPM2000 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ZSPM2000 Datasheet HTML 7Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 8Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 9Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 10Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 11Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 12Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 13Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 14Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
ZSPM2000 Datasheet
© 2016 Integrated Device Technology, Inc.
11
January 27, 2016
2
Product Summary
2.1.
Overview
The ZSPM2000 is a configurable true-digital single-phase PWM controller for high-current, non-isolated DC/DC
supplies supporting switching frequencies up to 1MHz. It offers a PMBus™ configurable digital power control loop
incorporating output voltage sensing and average inductor current sensing, bundled with extensive fault
monitoring and handling options. A high-speed MOSFET driver for a synchronous step-down converter is inte-
grated in the ZSPM2000. The ZSPM2000 operates from a single 5V supply.
Several different functional units are incorporated in the ZSPM2000. A dedicated digital control loop is used to
provide fast loop response and optimal output voltage regulation. This includes output voltage sensing, average
inductor current sensing, a digital control law, and a digital pulse-width modulator (DPWM). In parallel, a
dedicated, configurable error handler allows fast and flexible detection of error signals and their appropriate
handling. A housekeeping analog-to-digital converter (HKADC) ensures the reliable and efficient measurement of
environmental signals such as input voltage and temperature. An application-specific, low-power microcontroller
is used to control the overall system. It manages configuration of the various logic units and handles the PMBus™
communication protocol. A PMBus™/SMBus/I²C™ interface is incorporated to connect with the outside world,
supported by control and power-good (PGOOD) signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com