Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSPM2000 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # ZSPM2000
Description  True Digital PWM Controller with Integrated MOSFET Driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSPM2000 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button ZSPM2000 Datasheet HTML 35Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 36Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 37Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 38Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 39Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 40Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 41Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 42Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 43Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
ZSPM2000 Datasheet
© 2016 Integrated Device Technology, Inc.
41
January 27, 2016
8
Ordering Information
Note: This product is sold under a limited license from PowerOne, Inc. related to digital power technology as set
forth in U.S. Patent 7000125 and other related patents owned by PowerOne, Inc. This license does not extend to
standalone power supply products.
Product Sales Code
Description
Package
ZSPM2000ZI2R 1
ZSPM2000 Lead-free QFN28 — Temperature range: -40°C to +85°C
Reel
ZSPM2000-KIT01
Evaluation Kit for ZSPM2000 with PMBus™ Communication Interface — the Pink Power
Designer™ GUI for kit can be downloaded from the IDT web site at www.IDT.com/ZSPM2000
(login required; see data sheet section 9 for details)
Kit
9
Related Documents
Document
ZSPM2000 Feature Sheet
ZSPM1000/ZSPM2000 Pink Power Designer™ Graphic User
Interface (GUI)
*
ZSPM100x/ZSPM200x Application Note—Programming and
Calibration
*
ZSPM2000-KIT01 Kit Description
*
Visit the ZSPM2000 product page www.IDT.com/ZSPM2000 or contact your nearest sales office for the latest
version of these documents.
Note: Documents marked with an asterisk (*) require a free customer login account.
10 Glossary
Term
Description
ASIC
Application Specific Integrated Circuit
DCR
Equivalent DC Resistance
DPWM
Digital Pulse-Width Modulator
DSP
Digital Signal Processing
FPGA
Field-Programmable Gate Array
GPIO
General Purpose Input/Output
GUI
Graphical User Interface
HKADC
Housekeeping Analog-To-Digital Converter
NVM
Non-volatile Memory
OT
Over-Temperature
OTP
One-Time Programmable Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com