Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSPM2000 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ZSPM2000
Description  True Digital PWM Controller with Integrated MOSFET Driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSPM2000 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ZSPM2000 Datasheet HTML 13Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 14Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 15Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 16Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 17Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 18Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 19Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 20Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
ZSPM2000 Datasheet
© 2016 Integrated Device Technology, Inc.
17
January 27, 2016
3.3.3.
Output Voltage Feedback
The voltage feedback signal is sampled with a high-speed analog front-end. The feedback voltage is differentially
measured and subtracted from the voltage reference provided by a reference digital-to-analog converter (DAC)
using an error amplifier. A flash ADC is then used to convert the voltage into its digital equivalent. This is followed
by internal digital filtering to improve the system’s noise rejection.
Although the reference DAC generates a voltage up to 1.44V, keeping the voltage on the feedback pin (VFBP) at
approximately 1.20V is recommended to guarantee sufficient headroom. If a larger output voltage is required, an
external feedback divider is required.
3.3.4.
Digital Compensator
The sampled output voltage is processed by a digital control loop in order to modulate the DPWM output signals
controlling the power stage. This digital control loop works as a voltage-mode controller using a PID-type
compensation. The basic structure of the controller is shown in Figure 3.1. The proprietary State-Law™ Control
(SLC) concept features two parallel compensators for steady-state operation and fast transient operation. The
coefficients for the two modes can be derived using the Pink Power Designer™ graphical user interface (GUI).
The ZSPM2000 implements fast, reliable switching between the different compensation modes in order to ensure
good transient performance and a quiet steady state. This allows tuning the compensators individually for the
respective needs; i.e., quiet steady-state and fast transient performance.
Figure 3.1
Simplified Block Diagram of the Digital Compensation
Additionally, three different techniques are used to improve transient performance further. Tru-sample
Technology™ is used to acquire fast, accurate, and continuous information about the output voltage so that the
ZSPM2000 can react quickly to any change in output voltage. Tru-sample Technology™ reduces phase-lag
caused by sampling delays, reduces noise sensitivity, and improves transient performance.
The Sub-cycle Response™ (SCR) technique, a method to drive the DPWM asynchronously during load
transients, allows limiting the maximum deviation of the output voltage and allows recharging the output
capacitors faster.
A non-linear gain adjustment is used during large load transients to boost the loop gain and reduce the settling
time.
Digital PID
Compensator
Steady-state
Transient
Coefficients
Non-linear
Gain
Operation
Mode
Detection
Digital Error Signal
Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com