Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSPM2000 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ZSPM2000
Description  True Digital PWM Controller with Integrated MOSFET Driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSPM2000 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ZSPM2000 Datasheet HTML 8Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 9Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 10Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 11Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 12Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 13Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 14Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 15Page - Renesas Technology Corp ZSPM2000 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
ZSPM2000 Datasheet
© 2016 Integrated Device Technology, Inc.
12
January 27, 2016
Figure 2.1
Typical Application Circuit with a 5V Supply Voltage
A high-reliability, high-temperature one-time programmable (OTP) memory is used to store configuration param-
eters. All required bias and reference voltages are internally derived from the external supply voltage.
CONTROL
PGOOD
GPIO0
SMBALERT
SDA
SCL
ADDR1
ADDR0
AGND
ADCVREF
VREFP
AVDD18
VDD18
VDD50
VDD33
GND
VIN
TEMP
SW
DRVL
ISNSP
ISNSN
VFBP
VFBN
+Vout
PGND
Vin
C1,C2,C3
C4,C5,C6
R1
R2,R3
R4
R7
R9
R8
R5
R6
C7
PMBus
™
Interface
ZSPM2000
BST
DRVH
PGND
C8
VDD50DRV
+5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com