Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL70003ASEH Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # ISL70003ASEH
Description  Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70003ASEH Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button ISL70003ASEH Datasheet HTML 26Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 27Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 28Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 29Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 30Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 31Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 32Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 33Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
ISL70003ASEH
FN8746 Rev.4.01
Page 30 of 36
Dec 12, 2019
PCB Design
PCB design is critical to high frequency switching regulator
performance. Careful component placement and trace routing
are necessary to reduce voltage spikes and minimize
undesirable voltage drops. Selection of a suitable thermal
interface material is also required for optimum heat dissipation
and to provide lead strain relief.
Optimize load regulation by reducing noise from the power and
digital grounds into the analog ground by splitting ground into
three planes: analog, digital, and power. Bypass or ground pins
accordingly to their design preferred ground. See the “Pin
Descriptions” on page 5 and Figure 4 on page 8 for guidance.
Independently tie each of the analog and digital grounds to
power ground through a single trace in a low noise area.
PCB Plane Allocation
A minimum of four layers of two ounce copper are
recommended. Layer 2 should be a dedicated ground plane with
all critical component ground connections made with vias to this
layer. Layer 3 should be a dedicated power plane split between
the input and output power rails. Layers 1 and 4 should be used
primarily for signals but can also provide additional power and
ground islands as required.
PCB Component Placement
Place components as close as possible to the IC to minimize
stray inductance and resistance. Prioritize the placement of
bypass capacitors on the pins of the IC in the order shown: REF,
SS_CAP, AVDD, DVDD, PVINx (high-frequency capacitors), EN,
PGOOD, PVINx (bulk capacitors).
Locate the output voltage resistive divider as close as possible to
the FB pin of the IC. Connect the top leg of the divider directly to
the output of the inductor through a Kelvin trace and the bottom
leg of the divider directly to AGND pin. This AGND connection is
also a Kelvin trace connected to the closest ground to the
inductor output. Connect the junction of the resistive divider
directly to the FB pin.
Place a Schottky clamp diode as close as possible to the LXx and
PGNDx pins of the IC. A small series R-C snubber connected from
the LXx pins to the PGNDx pins may be used to damp
high-frequency ringing on the LXx pins, see Figure 60.
LX Connection
Use a small island of copper to connect the LXx pins of the IC to
the output inductor on Layers 1 and 4. Void the copper on
Layers 2 and 3 adjacent to the island to minimize capacitive
coupling to the power and ground planes. Place most of the
island on Layer 4 to minimize the amount of copper that must be
voided from the ground plane (Layer 2).
Keep all other signal traces as short as possible.
Lead Strain Relief
The package leads protrude from the bottom of the package and
the leads need forming to provide strain relief. On the heatsink
option of the package R64.C, the lead forming should be made
so that the bottom of the heatsink and the formed leads are
flush.
Heatsink Mounting Guidelines
The R64.C package option has a heatsink mounted on the
underside of the package. The following JESD-51x series
guidelines may be used to mount the package:
1. Place a thermal land on the PCB under the heatsink.
2. The land should be approximately the same size as to 1mm
larger than the 10.16x10.16mm heatsink.
3. Place an array of thermal vias below the thermal land.
- Via array size: ~9x9 = 81 thermal vias.
- Via diameter: ~0.3mm drill diameter with plated copper on
the inside of each via.
- Via pitch: ~1.2mm.
- Vias should drop to and contact as much metal area as
feasible to provide the best thermal path.
Heatsink Electrical Potential
The heatsink is connected to Pin 50 within the package, so the
PCB design and potential applied to Pin 50 defines the heatsink
potential.
Heatsink Mounting Materials
In the case of electrically conductive mounting methods
(conductive epoxy, solder, etc.) the thermal land, vias, and
connected plane(s) below must be the same potential as Pin 50.
In the case of electrically nonconductive mounting methods
(nonconductive epoxy), the heatsink and Pin 50 could have
different electrical potential than the thermal land, vias, and
connected plane(s) below.
FIGURE 60. SCHOTTKY DIODE AND R-C SNUBBER
FB
COUT
LOUT
VOUT
LXx
RT
RB
ERROR
AMPLIFIER
NI
-
+
3A
RS
CS
PGNDx
CREF
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com