Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL70003ASEH Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # ISL70003ASEH
Description  Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70003ASEH Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button ISL70003ASEH Datasheet HTML 28Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 29Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 30Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 31Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 32Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 33Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 34Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 35Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 36Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
ISL70003ASEH
FN8746 Rev.4.01
Page 32 of 36
Dec 12, 2019
TABLE 2. LAYOUT X-Y COORDINATES
PAD NAME
PAD NUMBER
X
(
µm)
Y
(
µm)
dX
(
µm)
dY
(
µm)
BOND WIRES
DIA (mil)
NI
1
0
0
135
135
1.5
FB
2
452
0
135
135
1.5
VERR
3
929
0
135
135
1.5
POR_VIN
4
1371
0
135
135
1.5
VREFA
5
1854
58
254
254
3
AVDD
6
2577
60
254
254
3
AGND
7
3104
60
254
254
3
DGND
8
3589
60
254
254
3
VREF_OUTS
9
4035
60
254
254
3
DVDD
10
4713
60
254
254
3
VREFD
11
5420
60
254
254
3
ENABLE
12
5846
0
135
135
1.5
RT/CT
13
6274
0
135
135
1.5
FSEL
14
6579
0
135
135
1.5
SYNC
15
6976
0
135
135
1.5
SS_CAP
16
7201
51
135
135
1.5
GND
17
7201
345
135
135
1.5
GND
18
7201
639
135
135
1.5
GND
19
7201
934
135
135
1.5
GND
20
7201
1228
135
135
1.5
GND
21
7201
1522
135
135
1.5
PGOOD
22
7201
1902
135
135
1.5
SEL1
23
7201
2275
135
135
1.5
SEL2
24
7201
2569
135
135
1.5
PVIN10
25
7140
3285
254
254
3
LX10
26
6350
3771
254
254
3
PGND10
27
5387
4179
254
254
3
PGND9
28
5387
4625
254
254
3
LX9
29
6350
5033
254
254
3
PVIN9
30
7140
5518
254
254
3
DE
31
7220
6303
135
135
1.5
PVIN8
32
7140
7578
254
254
3
LX8
33
6655
6788
254
254
3
PGND8
34
6247
5825
254
254
3
PGND7
35
5801
5825
254
254
3
LX7
36
5393
6788
254
254
3
PVIN7
37
4908
7578
254
254
3
PVIN6
38
4497
7578
254
254
3
LX6
39
4011
6788
254
254
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com