Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL70003ASEH Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL70003ASEH
Description  Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70003ASEH Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL70003ASEH Datasheet HTML 10Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 11Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 12Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 13Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 14Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 15Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 16Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 17Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
ISL70003ASEH
FN8746 Rev.4.01
Page 14 of 36
Dec 12, 2019
FIGURE 8. EFFICIENCY vs LOAD, VIN = 8V, 300kHz
FIGURE 9. EFFICIENCY vs LOAD, VIN = 8V, 500kHz
FIGURE 10. EFFICIENCY vs LOAD, VIN = 5V, 300kHz
FIGURE 11. EFFICIENCY vs LOAD, VIN = 5V, 500kHz
FIGURE 12. EFFICIENCY vs LOAD, VIN = 3.3V, 300kHz
FIGURE 13. EFFICIENCY vs LOAD, VIN = 3.3V, 500kHz
Typical Performance Curves Unless otherwise noted, the test platform is the ISL70003ASEHEV1Z where V
IN = 12V,
VOUT = 3.3V, IOUT = 3A, fSW = 500kHz, CIN = 4x 100µF + 5x1µF, LOUT = 3.3µH, COUT = 1x 150µF + 1µF, TCASE = +25°C, all outputs active. (Continued)
50
55
60
65
70
75
80
85
90
95
100
0
123456789
LOAD CURRENT (A)
5VOUT
0.9VOUT
1.2VOUT
1.5VOUT
1.8VOUT
2.5VOUT
3.3VOUT
50
55
60
65
70
75
80
85
90
95
100
01
234
56789
LOAD CURRENT (A)
0.9VOUT
1.2VOUT
1.5VOUT
1.8VOUT
2.5VOUT
3.3VOUT
5VOUT
50
55
60
65
70
75
80
85
90
95
100
0
1
2
345
678
9
LOAD CURRENT (A)
0.9VOUT
1.2VOUT
1.5VOUT
1.8VOUT 2.5V
OUT
3.3VOUT
50
55
60
65
70
75
80
85
90
95
100
01
23
45
67
89
0.9VOUT
1.2VOUT
1.5VOUT 1.8VOUT
2.5VOUT
3.3VOUT
LOAD CURRENT (A)
50
55
60
65
70
75
80
85
90
95
100
01
23
456
78
9
LOAD CURRENT (A)
0.9VOUT
1.2VOUT
1.5VOUT
1.8VOUT
2.5VOUT
50
55
60
65
70
75
80
85
90
95
100
01
2345
6789
LOAD CURRENT (A)
0.9VOUT
1.2VOUT
1.5VOUT
1.8VOUT
2.5VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com