Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL70003ASEH Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL70003ASEH
Description  Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70003ASEH Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL70003ASEH Datasheet HTML 9Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 10Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 11Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 12Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 13Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 14Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 15Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 16Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
ISL70003ASEH
FN8746 Rev.4.01
Page 13 of 36
Dec 12, 2019
BUFFER AMPLIFIER
Gain-Bandwidth Product
CL = 1µF, ISOURCE = 1mA, AV = 1, VOUT = 1.25V
(Note 15)
200
kHz
Source Current Capability
20
mA
Sink Current Capability
250
400
µA
Offset Voltage
-4
0
4
mV
IMON CURRENT MONITOR
IMON Sense Time
145
225
300
ns
IMON Output Current Gain
ILOAD = 1A/power stage, LXx off time >300ns
100
µA/A
IMON Gain Accuracy
ILOAD = 1A/power stage, LXx off time >300ns
-14
14
µA
NOTES:
13. Typical values shown are not guaranteed.
14. The 0A to 9A output current range may be reduced by minimum LXx on-time and minimum LXx off-time specifications.
15. Limits established by characterization or analysis and are not production tested.
16. Parameters with MIN and/or MAX limits are 100% tested at -55°C, +25°C and +125°C, unless otherwise specified.
Electrical Specifications Unless otherwise noted, PVINx = AVDD = DVDD = 3V - 13.2V; GND = AGND = DGND = PGNDx = SGND = 0V;
POR_VIN = 0.65V; SYNC = LXx = Open Circuit; PGOOD is pulled up to VREFD with a 3k resistor; REF is bypassed to GND with a 220nF capacitor; SS is
bypassed to GND with a 100nF capacitor; IOUT = 0A; TA = TJ = +25°C. (Note 7). Boldface limits apply across the operating temperature range, -55°C to
+125°C; over a total ionizing dose of 100krad(Si) with exposure at a high dose rate of 50 to 300rad(Si)/s; or over a total ionizing dose of 50krad(Si) with
exposure at a low dose rate of <10mrad(Si)/s. (Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 16)TYP
MAX
(Note 16)UNIT
Typical Performance Curves Unless otherwise noted, the test platform is the ISL70003ASEHEV1Z where V
IN = 12V,
VOUT = 3.3V, IOUT = 3A, fSW = 500kHz, CIN = 4x 100µF + 5x1µF, LOUT = 3.3µH, COUT = 1x 150µF + 1µF, TCASE = +25°C, all outputs active.
FIGURE 6. EFFICIENCY vs LOAD, VIN = 12V, 300kHz
FIGURE 7. EFFICIENCY vs LOAD, VIN = 12V, 500kHz
50
60
70
80
90
100
01
23
45
67
89
LOAD CURRENT (A)
0.9VOUT
1.2VOUT
1.5VOUT
2.5VOUT
1.8VOUT
3.3VOUT
5VOUT
50
60
70
80
90
100
012
345
678
9
LOAD CURRENT (A)
3.3VOUT
5VOUT
2.5VOUT
1.8VOUT
1.5VOUT
1.2VOUT
0.9VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com