Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL70003ASEH Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL70003ASEH
Description  Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70003ASEH Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL70003ASEH Datasheet HTML 17Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 18Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 19Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 20Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 21Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 22Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 23Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 24Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
ISL70003ASEH
FN8746 Rev.4.01
Page 21 of 36
Dec 12, 2019
Equation 2 defines the relationship between the resistor divider,
sink current, and POR rising level (VPORR).
When the voltage at the POR pin reaches the enable threshold,
the IPOR current sink turns off.
With the part enabled and the IPOR current sink off, the falling level
(VPORF) is set by the resistor divider network and is defined by
Equation 3.
The difference between the POR rising and falling levels provides
adjustable hysteresis so that noise on VIN does not interfere with
the enabling or disabling of the regulator.
Soft-Start
The ISL70003ASEH soft-start function uses an internal current
source and an external capacitor to reduce stresses and surge
current during start-up.
When the POR and enable circuits are satisfied, the regulator
waits 32 clock cycles and then initiates a soft-start. Figure 47
shows that the soft-start circuit clamps the error amplifier
reference voltage to the voltage on an external soft-start
capacitor connected to the SS pin. The soft-start capacitor is
charged by an internal ISS current source. As the soft-start
capacitor is charged, the output voltage slowly ramps to the set
point determined by the reference voltage and the feedback
network. When the voltage on the SS pin is equal to the internal
reference voltage, the soft-start interval is complete. Following
the soft-start interval is a delay to power good being signaled.
The soft-start output ramp interval is defined in Equation 4 and is
adjustable from approximately 2ms to 200ms. The value of the
soft-start capacitor, CSS, should range from 82nF to 8.2µF,
inclusive. The peak inrush current can be computed from
Equation 5. Select a soft-start interval that is long enough to
ensure that the peak inrush current plus the peak output load
current does not exceed the overcurrent trip level of the regulator.
The soft-start capacitor is immediately discharged by a 3.0Ω
resistor whenever POR conditions are not met or EN is pulled low.
The soft-start discharge time is equal to 256 clock cycles.
Power-Good
A power-good indicator is the final step of initialization. After a
successful soft-start, the PGOOD pin releases and the voltage
rises with an external pull-up resistor. The power-good signal
transitions low immediately when the EN pin is pulled low.
The PGOOD pin is an open-drain, logic output and can be pulled
up to any voltage from 0V to 13.2V. The pull-up resistor should
have a nominal value from 1kΩ to 10kΩ. To mitigate SEE, bypass
the PGOOD pin to DGND with a 10nF ceramic capacitor.
Fault Monitoring and Protection
The ISL70003ASEH actively monitors the output voltage and
current to detect fault conditions. Fault conditions trigger
protective measures to prevent damage to the regulator and the
external load device. One common power-good indication signal
is provided for linking to external system monitors. The
schematic in Figure 48 on page 22 outlines the interaction
between the fault monitors and the power-good signal.
Undervoltage and Overvoltage Monitor
The power-good pin (PGOOD) is an open-drain, logic output which
indicates that the converter is operating properly and the output
voltage is within a set window. The Undervoltage (UV) and
FIGURE 46. POR CIRCUIT
-
+
VR
POR
PVINx
VIN
POR
LOGIC
VIN
R1
R2
IPOR
POR
COMPARATOR
CPOR
VR = 0.6V
IPOR = 12µA
CPOR = 10nF
5V
INT. REG
VPORR
VR 1
R1
R2
-------
+
IPOR R1
+
=
(EQ. 2)
VPORF
VR 1
R1
R2
-------
+
=
(EQ. 3)
tSS
CSS
VREF
ISS
---------------
=
(EQ. 4)
IINRUSH
COUT
VOUT
tSS
----------------
=
(EQ. 5)
FIGURE 47. SOFT-START CIRCUIT
-
+
VREF
FB
PWM
LOGIC
ISS
ERROR
AMPLIFIER
NI
VOUT
RT
RB
+
SS
CSS
VREF = 0.6V
ISS = 23µA
RD
RD = 2.2Ω
VREF
CREF
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com