Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL70003ASEH Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # ISL70003ASEH
Description  Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70003ASEH Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button ISL70003ASEH Datasheet HTML 28Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 29Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 30Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 31Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 32Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 33Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 34Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 35Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 36Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
ISL70003ASEH
FN8746 Rev.4.01
Page 33 of 36
Dec 12, 2019
PGND6
40
3603
5825
254
254
3
PGND5
41
3157
5825
254
254
3
LX5
42
2749
6788
254
254
3
PVIN5
43
2264
7578
254
254
3
PVIN4
44
1853
7578
254
254
3
LX4
45
1367
6788
254
254
3
PGND4
46
960
5825
254
254
3
PGND3
47
514
5825
254
254
3
LX3
48
106
6788
254
254
3
PVIN3
49
-379
7578
254
254
3
PVIN2
50
-379
5518
254
254
3
LX2
51
411
5033
254
254
3
PGND2
52
1374
4625
254
254
3
PGND1
53
1374
4179
254
254
3
LX1
54
411
3771
254
254
3
PVIN1
55
-379
3285
254
254
3
IMON
56
-438
2561
135
135
1.5
SGND
57
-438
2201
135
135
1.5
OCSETA
58
-438
1841
135
135
1.5
OCSETB
59
-438
1481
135
135
1.5
BUFIN+
60
-438
1121
135
135
1.5
BUFIN-
61
-438
761
135
135
1.5
BUFOUT
62
-438
401
135
135
1.5
VREF
63
-438
41
135
135
1.5
TABLE 2. LAYOUT X-Y COORDINATES (Continued)
PAD NAME
PAD NUMBER
X
(
µm)
Y
(
µm)
dX
(
µm)
dY
(
µm)
BOND WIRES
DIA (mil)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com