Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL71841SEHL/PROTO Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL71841SEHL/PROTO
Description  Radiation Hardened 30V 32-Channel Analog Multiplexer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71841SEHL/PROTO Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL71841SEHL/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
ISL71841SEH
FN8735 Rev. 7.00
Page 3 of 30
Feb 23, 2018
Ordering Information
ORDERING NUMBER
(Note 4)PART NUMBER
TEMP RANGE
(°C)
PACKAGE
PKG.
DWG. #
5962R1522001VXC
ISL71841SEHVF (Note 2)
-55 to +125
48 LD CQFP (RoHS Compliant)
R48.A
N/A
ISL71841SEHF/PROTO (Notes 2, 5)
-55 to +125
48 LD CQFP (RoHS Compliant)
R48.A
5962R1522001VYA
ISL71841SEHVL (Note 3)
-55 to +125
44 LD CLCC
J44.A
N/A
ISL71841SEHL/PROTO (Notes 3, 5)
-55 to +125
44 LD CLCC
J44.A
5962R1522001V9A
ISL71841SEHVX
-55 to +125
Die (RoHS Compliant)
N/A
ISL71841SEHX/SAMPLE (Note 5)
-55 to +125
Die (RoHS Compliant)
N/A
ISL71841SEHEV1Z (Note 6)
Evaluation Board
NOTES:
2. These Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb
and Pb-free soldering operations.
3. These Hermetic Packaged products are intended for SnPb soldering and may be shipped with terminations precoated with SnPb solder compatible
with SnPb soldering operations only.
4. Specifications for Rad Hard QML devices are controlled by the Defense Logistics Agency Land and Maritime (DLA). The SMD numbers listed must be
used when ordering.
5. The /PROTO and /SAMPLE are not rated or certified for Total Ionizing Dose (TID) or Single Event Effect (SEE) immunity. These parts are intended for
engineering evaluation purposes only. The /PROTO parts meet the electrical limits and conditions across the temperature range specified in the DLA
SMD and are in the same form and fit as the qualified device. The /SAMPLE die is capable of meeting the electrical limits and conditions specified
in the DLA SMD at +25°C only. The /SAMPLE is a die and does not receive 100% screening across the temperature range to the DLA SMD electrical
limits. These part types do not come with a certificate of conformance because there is no radiation assurance testing and they are not DLA qualified
devices.
6. Evaluation board uses the /PROTO parts. The /PROTO parts are not rated or certified for Total Ionizing Dose (TID) or Single Event Effect (SEE) immunity.
TABLE 1. TABLE OF DIFFERENCES
SPECIFICATION
ISL71840SEH
ISL71841SEH
Number of Channels
16
32
Supply Current (I+/I-)
350µA (maximum)
400µA (maximum)
Output Leakage (+125°C)
60nA (maximum)
120nA (maximum)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com