Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL71841SEHL/PROTO Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL71841SEHL/PROTO
Description  Radiation Hardened 30V 32-Channel Analog Multiplexer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71841SEHL/PROTO Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL71841SEHL/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
ISL71841SEH
FN8735 Rev. 7.00
Page 5 of 30
Feb 23, 2018
Absolute Maximum Ratings
Thermal Information
Positive Supply Voltage above GND (V+) (Note 9). . . . . . . . . . . . . . . . . +20V
Negative Supply Voltage below GND (V-) (Note 9) . . . . . . . . . . . . . . . . .-20V
Maximum Supply Voltage Differential (V+ to V-) (Note 9) . . . . . . . . . . . 40V
Analog Input Voltage (INx)
From GND (Note 9) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±35V
Digital Input Voltage Range (EN, Ax) . . . . . . . . . . . . . . . . . . . . . . . . GND to V+
VREF to GND (Note 9) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .16.5V
ESD Tolerance
Human Body Model (Tested per MIL-STD-883 TM 3015) . . . . . . . . . 8kV
Charged Device Model (Tested per JESD22-C101D) . . . . . . . . . . . . 250V
Machine Model (Tested per JESD22-A115-A) . . . . . . . . . . . . . . . . . . 250V
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
48 Ld CQFP (Notes 7, 8) . . . . . . . . . . . . . . .
50
2
44 Ld CLCC (Notes 7, 8). . . . . . . . . . . . . . . .
31
3
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Recommended Operating Conditions
Ambient Operating Temperature Range . . . . . . . . . . . . . .-55°C to +125°C
Maximum Operating Junction Temperature . . . . . . . . . . . . . . . . . .+150°C
Positive Supply Voltage Above GND (V+) . . . . . . . . . . . . . +10.8V to +16.5V
Negative Supply Voltage Below GND (V-) . . . . . . . . . . . . . . .-10.8V to -16.5V
Supply Voltage Differential (V+ to V-) . . . . . . . . . . . . . . . . . . . . 21.6V to 33V
VREF to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5V to 5.5V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
7.
JA is measured with the component mounted on a high-effective thermal conductivity test board in free air. Refer to TB379 for details.
8. For
JC, the “case temp” location is the center of the package underside.
9. Tested in a heavy ion environment at LET = 86.3MeV•cm2/mg at +125°C.
Electrical Specifications (±15V) V+ = 15V, V- = -15V, V
AH = 4.0V, VAL = 0.8V, VREF = VEN = 5.0V, TA= +25°C, unless otherwise noted.
Boldface limits apply across the operating temperature range,
-55°C to +125°C or across a total ionizing dose of 300krad(Si) with exposure of a high
dose rate of 50 to 300krad(Si)/s or a total ionizing dose of 50krad(Si) with exposure at a low dose rate of <10mrad(Si)/s.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 10)TYP
MAX
(Note 10)UNIT
Analog Input Signal Range
VS
V-
-V+
V
Channel ON-Resistance
rON
V± = ±15.0V, ±16.5V
IOUT = -1mA, VIN = +5V, -5V
--
500
Ω
V± = ±15.0V, ±16.5V
IOUT = -1mA, VIN = V+, V-
--
700
Ω
rON Match Between Channels
ΔrON
VIN = +5V, -5V; IOUT = -1mA
-
10
20
Ω
ON-Resistance Flatness
RFLAT(ON)
VIN = +5V, -5V
-
-
25
Ω
Switch Off Leakage
IS(OFF)
VIN = V+ - 5V, V± = ±16.5V
All unused inputs are tied to V- + 5V
-10
-
10
nA
Post radiation
-100
-
100
nA
VIN = V- + 5V, V± = ±16.5V
All other inputs = V+ - 5V
TA = +25°C, -55°C
-10
-
10
nA
TA = +125°C
-20
-
20
nA
Post radiation
-100
-
100
nA
Switch Off Leakage with Device
Powered Off
IS(OFF) POWER OFF VIN = +25V, V± = VEN = VA = VREF = 0V
TA = +25°C, V± = 0V
-10
-
10
nA
TA = -55°C, +125°C
-10
-
80
nA
Post radiation
-100
-
100
nA
VIN = -25V, V± = VEN = VA = VREF = 0V
TA = +25°C, V± = 0V
-10
-
10
nA
TA = -55°C, +125°C
-80
-
10
nA
Post radiation
-100
-
100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com