Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL71841SEHL/PROTO Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ISL71841SEHL/PROTO
Description  Radiation Hardened 30V 32-Channel Analog Multiplexer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71841SEHL/PROTO Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ISL71841SEHL/PROTO Datasheet HTML 12Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 13Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 14Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 15Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 16Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 17Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 18Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 19Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
ISL71841SEH
FN8735 Rev. 7.00
Page 16 of 30
Feb 23, 2018
Post High Dose Rate Radiation Characteristics (V± = ±15V) Unless otherwise
specified, V± = ±15V, VCM =0, VO = 0V, TA = +25°C. This data is typical mean test data post radiation exposure at a high dose rate of 50 to 300rad(Si)/s.
This data is intended to show typical parameter shifts due to high dose rate radiation. These are not limits, nor are they guaranteed.
FIGURE 32. ICC SUPPLY CURRENT SHIFT vs HDR RADIATION
FIGURE 33. IEE SUPPLY CURRENT SHIFT vs HDR RADIATION
FIGURE 34. IREF SUPPLY CURRENT SHIFT vs HDR RADIATION
FIGURE 35. rDS(ON) SHIFT (VIN = V+) vs HDR RADIATION
FIGURE 36. rDS(ON) SHIFT (VIN = +5V) vs HDR RADIATION
FIGURE 37. rDS(ON) SHIFT (VIN = -5V) vs HDR RADIATION
0
1
2
3
4
5
6
7
0
20
40
60
80
100
120
140
160
HIGH DOSE RATE RADIATION (krad(Si))
BIASED
GROUNDED
-7
-6
-5
-4
-3
-2
-1
0
0
20
40
60
80
100
120
140
160
HIGH DOSE RATE RADIATION (krad(Si))
GROUNDED
BIASED
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
20
40
60
80
100
120
140
160
HIGH DOSE RATE RADIATION (krad(Si))
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
20
40
60
80
100
120
140
160
GROUNDED
BIASED
0
10
20
30
40
50
60
0
20
40
60
80
100
120
140
160
HIGH DOSE RATE RADIATION (krad(Si))
BIASED
GROUNDED
0
5
10
15
20
25
0
20
40
60
80
100
120
140
160
HIGH DOSE RATE RADIATION (krad(Si))
GROUNDED
BIASED
0
2
4
6
8
10
12
14
16
18
20
0
20
40
60
80
100
120
140
160
HIGH DOSE RATE RADIATION (krad(Si))
GROUNDED
BIASED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com