Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL71841SEHL/PROTO Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # ISL71841SEHL/PROTO
Description  Radiation Hardened 30V 32-Channel Analog Multiplexer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71841SEHL/PROTO Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button ISL71841SEHL/PROTO Datasheet HTML 21Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 22Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 23Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 24Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 25Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 26Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 27Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 28Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
ISL71841SEH
FN8735 Rev. 7.00
Page 25 of 30
Feb 23, 2018
Die Characteristics
Die Dimensions
5000µm x 4080µm (197 mils x 161 mils)
Thickness: 483µm ±25µm (19 mils ±1 mil)
Interface Materials
GLASSIVATION
Type: 12kÅ Silicon Nitride on 3kÅ Oxide
TOP METALLIZATION
Type: 300Å TiN on 2.8µm AlCu
In Bondpads, TiN has been removed.
BACKSIDE FINISH
Silicon
PROCESS
P6SOI
Assembly Related Information
SUBSTRATE POTENTIAL
Floating
Additional Information
WORST CASE CURRENT DENSITY
1.6x105 A/cm2
TRANSISTOR COUNT
10752
Weight of Packaged Device
48 Ld CQFP: 1.54 grams (typical)
44 Ld CLCC: 2.02 grams (typical)
Lid Characteristics
Finish: Gold
Potential: Grounded, tied to package GND pin
In 48 Ld CQFP: Pin 29
In 44 Ld CLCC: Pin 26
Metalization Mask Layout
OUT
IN32
IN31
IN30
IN29
IN28
IN27
IN26
IN25
IN24
IN23
IN22
IN21
IN20
IN19
IN18
IN17
IN12
IN11
IN10
IN9
IN8
IN7
IN6
IN5
IN4
IN3
IN2
IN1
IN13
IN14
IN15
IN16
A3
A4
EN
BAR
GND
V‐
V+
VREF
A0
A1
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com