Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL71841SEHL/PROTO Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # ISL71841SEHL/PROTO
Description  Radiation Hardened 30V 32-Channel Analog Multiplexer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71841SEHL/PROTO Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button ISL71841SEHL/PROTO Datasheet HTML 22Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 23Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 24Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 25Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 26Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 27Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 28Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 29Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 30Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
ISL71841SEH
FN8735 Rev. 7.00
Page 26 of 30
Feb 23, 2018
TABLE 3. ISL71840SEH DIE LAYOUT X-Y COORDINATES
PAD NUMBER
PAD NAME
PACKAGING PIN
ΔX
(µm)
ΔY
(µm)
X
(µm)
Y
(µm)
1
IN28
P42
122
122
2232.2
1776.05
2
IN29
P43
122
122
1956.5
1772.2
3
IN30
P44
122
122
1529.15
1772.2
4
IN31
P45
122
122
1171.85
1772.2
5
IN32
P46
122
122
816.35
1772.2
9
OUT
P1
122
122
7.2
1773.25
11
IN16
P3
122
122.05
-829.525
1772.2
12
IN15
P4
122
122
-1192.2
1772.2
13
IN14
P5
122
122
-1553.65
1772.2
14
IN13
P6
122
122
-1965.35
1772.2
15
IN12
P7
122
122
-2232.2
1775.55
16
IN11
P8
122
122
-2232.2
1343.55
17
IN10
P9
122
122
-2232.2
944.5
18
IN9
P10
122
122
-2232.2
626.15
19
IN8
P11
122
122
-2232.2
354.4
20
IN7
P12
122
122.05
-2232.2
108.275
21
IN6
P13
122
122
-2232.2
-138.75
22
IN5
P14
122
122
-2232.2
-391.8
23
IN4
P15
122
122
-2232.2
-622.95
24
IN3
P16
122
122
-2232.2
-948.55
25
IN2
P17
122
122
-2232.2
-1379.95
26
IN1
P18
122
122
-2232.2
-1775.95
27
V+
P19
122
122
-1970.75
-1789.2
28
VREF
P20
122
122
-1558.65
-1789.2
29
A0
P21
122
122
-1196.8
-1789.2
30
A1
P22
122
122
-835.6
-1789.2
31
A2
P23
122
122
-533
-1789.2
32
A3
P24
122
122
-109.45
-1789.2
33
A4
P25
122
122
313.95
-1789.2
37
EN_B
P28
122
122
1171.9
-1789.2
38
GND
P29, P29
320
122
1525.85
-1789.1
39
V-
P30
122
122
1955.7
-1789.2
40
IN17
P31
122
122
2232.2
-1774.95
41
IN18
P32
122
122
2232.2
-1380.25
42
IN19
P33
122
122
2232.2
-947.45
43
IN20
P34
122
122
2232.2
-624.75
44
IN21
P35
122
122
2232.2
-391.95
45
IN22
P36
122
122
2232.2
-139.05
46
IN23
P37
122
122.05
2232.2
107.525
47
IN24
P38
122
122
2232.2
353.6
48
IN25
P39
122
122
2232.2
626.9
49
IN26
P40
122
122
2232.2
943.9
50
IN27
P41
122
122
2232.2
1342.7
NOTE: Origin of coordinates is the center of the die.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com