Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL71841SEHL/PROTO Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # ISL71841SEHL/PROTO
Description  Radiation Hardened 30V 32-Channel Analog Multiplexer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71841SEHL/PROTO Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button ISL71841SEHL/PROTO Datasheet HTML 22Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 23Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 24Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 25Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 26Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 27Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 28Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 29Page - Renesas Technology Corp ISL71841SEHL/PROTO Datasheet HTML 30Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
ISL71841SEH
FN8735 Rev. 7.00
Page 27 of 30
Feb 23, 2018
Revision History The revision history provided is for informational purposes only and is believed to be accurate, but not warranted.
Please visit our website to make sure you have the latest revision.
DATE
REVISION
CHANGE
Feb 23, 2018
FN8735.7
Added “Considerations for Redundant Applications” on page 24.
Removed About Intersil and updated disclaimer.
Nov 30, 2017
FN8735.6
Added ESD circuit images in Figure 3 on page 4.
Jun 22, 2017
FN8735.5
Ordering Information table on page 3, added Notes 5 and 6.
In “Pin Descriptions” on page 4, added pin 28 to NC for the CLCC package.
June 3, 2016
FN8735.4
Updated Ordering information table on page 3 by updating first column and updating Note 4.
Updated bolding in Electrical Specification table and added test conditions to the Break-Before-Make Delay,
Enable Turn-On Time and Disable Turn-Off Time specifications.
Changed from “VS” to “V±” in the titles of the Typical Performance, Post High and Post Low Dose Rate
Radiation Characteristics curve tables.
Changed units from mA to µA for Figures 32, 33, 34, 44, 45, 46, 56, 57, 58, 68, 69, 70.
April 15, 2016
FN8735.3
Added ISL71841SEHVL and ISL71841SEHL/PROTO details to the Ordering Information table on page 3 and
added the applicable packaging information throughout datasheet.
Updated the heading for the Low Dose Rate Radiation Characteristics (Vs = ±15V) table on page 20 in third
sentence changed from “high” to “low”.
Updated the heading for the Low Dose Rate Radiation Characteristics (Vs = ±12V) table on page 22 in third
sentence changed from “high” to “low”.
December 11, 2015
FN8735.2
Updated Y-axis labels on Figures 32 through 79.
Updated crosstalk and off Isolation MIN in Electrical Spec table on page 7 from -75 to 75 (off isolation) and
-47 to 47 (crosstalk).
Changed all instances of VDD to V+ and VSS to V-.
September 29, 2015
FN8735.1
Updated Related Literature on page 1.
Updated testing information for ESD tolerances, HBM, CDM and MM in “Absolute Maximum Ratings” on
page 5.
From:
Human Body Model (Tested per MIL-PRF-883 3015.7)
Charged Device Model (Tested per MIL-PRF-883 3015.7)
Machine Model (Tested per MIL-PRF-883 3015.7)
To:
Human Body Model (Tested per MIL-STD-883 TM 3015)
Charged Device Model (Tested per JESD22-C101D)
Machine Model (Tested per JESD22-A115-A)
Updated crosstalk and off Isolation MIN in Electrical Spec table on page 7 from -90 to -75 (off isolation) and
-47 (crosstalk).
Added Figures 27, 29 and 31 and updated the figure titles for Figures 28 and 30 on page 14.
Updated top metalization thickness and composition in “Die Characteristics” on page 25.
Added Table 3 on page 26.
June 11, 2015
FN8735.0
Initial release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com