Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3756 Datasheet(PDF) 5 Page - Analog Devices

Part # LT3756
Description  60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3756 Datasheet(HTML) 5 Page - Analog Devices

  LT3756 Datasheet HTML 1Page - Analog Devices LT3756 Datasheet HTML 2Page - Analog Devices LT3756 Datasheet HTML 3Page - Analog Devices LT3756 Datasheet HTML 4Page - Analog Devices LT3756 Datasheet HTML 5Page - Analog Devices LT3756 Datasheet HTML 6Page - Analog Devices LT3756 Datasheet HTML 7Page - Analog Devices LT3756 Datasheet HTML 8Page - Analog Devices LT3756 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
LT8355-1
5
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
EN/UVLO Thresholds vs
Temperature
EN/UVLO Hysteresis Current vs
Temperature
EN/UVLO Current vs Voltage
Above Turn-On Threshold
TA = 25°C, unless otherwise noted.
VIN Shutdown Current vs
Temperature
VIN Quiescent Current vs
Temperature
INTVCC Voltage vs Temperature
INTVCC Dropout vs Temperature
INTVCC Current Limit vs
Temperature
INTVCC Current Limit vs VIN
INPUT VOLTAGE (V)
0
6 12 18 24 30 36 42 48 54 60
50
70
90
110
130
150
8355-1 G09
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
7.2
7.3
7.4
7.5
7.6
7.7
8355-1 G06
VEN/UVLO > 1.35V
EN PIN VOLTAGE (V)
1
10
60
0
0.2
0.4
0.6
0.8
1.0
8355-1 G03
VIN = 12V
VIN = 60V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
20
40
60
80
100
120
140
160
180
8355-1 G08
VIN = 5V
VIN = 12V
VIN = 60V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
2.2
2.6
3.0
3.4
3.8
4.2
8355-1 G05
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
1.6
1.8
2.0
2.2
2.4
2.6
8355-1 G02
VIN = 7 V
TA = –45°C
TA = 130°C
TA = 25°C
INTVCC PIN CURRENT (mA)
0
10
20
30
40
50
–1.6
–1.4
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0.0
8355-1 G07
VEN/UVLO = 1.1V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
4
8
12
16
20
8355-1 G04
VIN = 5V
VIN = 12V
VIN = 60V
RISING THRESHOLD
FALLING THRESHOLD
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
1.22
1.24
1.26
1.28
1.30
8355-1 G01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com